Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTSPU40-103 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTSPU40-103
Description  40 Watt Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU40-103 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTSPU40-103 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU40-103 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU40-103 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU40 Series
40 Watt
Single Output
AC/DC Desktop Power Supply
Rev A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Preset Voltage
Output
Voltage Range
Output Current
Total Regulation
Maximum
Output Power
DTSPU40-102
5 VDC
5 ~ 6 VDC
5.00 ~ 4.16 A
5%
25W
DTSPU40-103
6 VDC
6 ~ 8 VDC
4.00 ~ 3.75 A
5%
30W
DTSPU40-104
8 VDC
8 ~ 11 VDC
4.37 ~ 3.18 A
4%
35W
DTSPU40-105
11 VDC
11 ~ 13 VDC
3.63 ~ 3.07 A
3%
40W
DTSPU40-106
13 VDC
13 ~ 16 VDC
3.07 ~ 2.50 A
3%
40W
DTSPU40-107
16 VDC
16 ~ 21 VDC
2.50 ~ 1.90 A
3%
40W
DTSPU40-108
21 VDC
21 ~ 27 VDC
1.90 ~ 1.48 A
2%
40W
DTSPU40-109
27 VDC
27 ~ 33 VDC
1.48 ~ 1.21 A
2%
40W
DTSPU40-110
33 VDC
33 ~ 40 VDC
1.21 ~ 1.00 A
2%
40W
DTSPU40-111
40 VDC
40 ~ 50 VDC
1.00 ~ 0.80 A
2%
40W
NOTES
1. The output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard models if nothing
different is requested. Please contact factory for ordering details.
2. Models DTSPU40-102 ~ DTSPU40-105 need to use “AWG#16, 4FT long” to meet CEC requirements and models
DTSPU40-106 ~ DTSPU40-111 need to use “AWG#18, 4FT long” to meet CEC requirements.
3. The regulation will change by modifying the output cable.
4. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the “Desktop”
category page). Please call factory for ordering details.
DERATING CURVE


Similar Part No. - DTSPU40-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45-100 WALL-DTSPU45-100 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45-101 WALL-DTSPU45-101 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45-102 WALL-DTSPU45-102 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45-103 WALL-DTSPU45-103 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
More results

Similar Description - DTSPU40-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com