Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU63-103 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTMPU63-103
Description  63 Watt Single Output AC/DC Medical Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU63-103 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTMPU63-103 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU63-103 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU63-103 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTMPU63 Series
63 Watt
Single Output
AC/DC Medical Desktop Power Supply
Rev. A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Max. Output Current
Total Regulation
(3)
Max. Output Power
DTMPU63-102
5 VDC
9A
7%
45W
DTMPU63-103
7 VDC
7.85A
7%
55W
DTMPU63-104
9 VDC
6.44A
5%
58W
*DTMPU63-105
12 VDC
5.25A
5%
63W
*DTMPU63-106
15 VDC
4.20A
5%
63W
*DTMPU63-107
18 VDC
3.50A
5%
63W
*DTMPU63-108
24 VDC
2.62A
3%
63W
*DTMPU63-109
30 VDC
2.10A
3%
63W
*DTMPU63-110
36 VDC
1.75A
3%
63W
NOTES
1. The asterisk “ * ” next to the model number indicates CEC level IV.
2. The models with output voltages under 15VDC have been approved by TUV/PSE and models with output
voltages from 15VDC~30VDC have been approved by JET/PSE.
3. Models DTMPU63-102~103 need to use AWG#16/5C/4FT output cable in order to meet the total regulation.
Models DTMPU63-104~105 need to use AWG#16/2C/4FT output cable in order to meet the total regulation.
Models DTMPU63-106~107 need to use AWG#18/2C/4FT output cable in order to meet the total regulation.
Models DTMPU63-108~110 need to use AWG#18/2C/6FT output cable in order to meet the total regulation.
The regulation and efficiency will change if a different output cable is used.
4. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the
“Desktop” category page).
DERATING CURVE


Similar Part No. - DTMPU63-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU60A-105 WALL-DTMPU60A-105 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU60A-106 WALL-DTMPU60A-106 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU60A-107 WALL-DTMPU60A-107 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU60A-108 WALL-DTMPU60A-108 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
More results

Similar Description - DTMPU63-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTMPU15 WALL-DTMPU15 Datasheet
200Kb / 3P
   15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTMPU130 WALL-DTMPU130 Datasheet
104Kb / 2P
   130 Watt, Single Output Medical Grade Approvals AC - DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com