Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU50-108 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTMPU50-108
Description  Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU50-108 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTMPU50-108 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU50-108 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU50-108 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTMPU50 Series
Up to 50 Watts
Single, Dual, and Triple Outputs
AC/DC Medical Desktop Power Supply
Rev. B
NOTES
1. For single output models the output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard models if
nothing different is requested. Please contact factory for ordering details.
2. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the “Desktop” category page).
DERATING CURVE
MECHANICAL DRAWING
Unit: inches [mm]


Similar Part No. - DTMPU50-108

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
More results

Similar Description - DTMPU50-108

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTAM165 WALL-DTAM165 Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
   Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
   Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
   Single Output Up to 30 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com