Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU15x-106 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTMPU15x-106
Description  15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU15x-106 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTMPU15x-106 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU15x-106 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU15x-106 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTMPU15 Series
15 Watt Single Output
For Medical Equipment
AC/DC Desktop Power Supply
Rev. B
FEATURES
● Splash Proof
● Single Output
● 3 Year Warranty
● Optional Output Connectors
● Over Temperature Detection
● A & C Types: Class I Insulation
● 3 Types of Inlet Connectors Available
● Over Voltage and Over Load Protection
● Wide Input Voltage 90 to 264VAC, 47~63Hz
● B Type: Class II Insulation (Double Insulation)
● Output Voltages Available from 5VDC to 36VDC
SPECIFICATIONS: DTMPU15 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.25
0.33
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.17
0.18
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
14
16
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
28
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.3
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.5
1
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
VDC
Load Regulation
Vin = 230VAC
1
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power Range
Vin = 90 to 264VAC
0
15
W
Output Current Range
See Rating Chart
A
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
10
16
ms
PROTECTION
Over Voltage Protection
(1)
112
132
%
Over Current Protection
(1)
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
73
85
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
5600
VDC
Dielectric Withstanding Voltage
For Primary to Ground (A & C Types Only)
Primary to Ground
2800
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Power Consumption (No Load)
No Load, Vin = 230VAC
0
0.4
0.5
W
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 50°C to 50% load at 70°C
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
Thermal Shutdown by Junction
Temperature Controller
(1)
The parameter is not subject to production test-verified by
design/characterization of integrated controller.
-20
+125
°C
MTBF
Operating temperature at 25°C, calculated per MIL-HDBK-217F
100,000
hours
PHYSICAL
Weight
Approximately 170 grams
Dimensions
A Type: 4.11 x 1.65 x 1.22 inches
B & C Types: 3.90 x 1.65 x 1.22 inches
Input Inlet
IEC-320-C14, IEC-320-C8, IEC-320-C6
Warranty
3
years
SAFETY
EMI Requirements for EN55022
Vin = 230VAC, 50Hz
B
Class
EMI Requirements for FCC Part-15, FCC
Part 18
Vin = 120VAC, 60Hz
B
Class
(1) When the power system interruption is isolated, the product would re-start after recovering by hand.
Type A
Type B
Type C


Similar Part No. - DTMPU15x-106

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTMPU15x-106

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU16 WALL-DTSPU16 Datasheet
175Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTMPU63 WALL-DTMPU63 Datasheet
151Kb / 3P
   63 Watt Single Output AC/DC Medical Desktop Power Supply
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTMPU130 WALL-DTMPU130 Datasheet
104Kb / 2P
   130 Watt, Single Output Medical Grade Approvals AC - DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com