Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA-060A-01Y180 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTA-060A-01Y180
Description  To 60 Watts Single Output AC/DC Desktop Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTA-060A-01Y180 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTA-060A-01Y180 Datasheet HTML 1Page - Wall Industries,Inc. DTA-060A-01Y180 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA-060A Series
To 60 Watts
Single Output
AC/DC Desktop Power Supply
Rev B
MODEL SELECTION GUIDE
Model
Input Voltage
Output
Voltage
Output
Current
Output Power
Output
Regulation
Ripple & Noise
(1)
DTA-040A-01Y090
9 VDC
4.4A
40W
5%
90mVp-p
DTA-040A-01Y120
12 VDC
3.3A
40W
5%
120mVp-p
DTA-040A-01Y130
13 VDC
3.1A
40W
5%
130mVp-p
DTA-040A-01Y138
13.8 VDC
2.9A
40W
3%
140mVp-p
DTA-060A-01Y140
14 VDC
4.2A
60W
3%
140mVp-p
DTA-060A-01Y150
15 VDC
4A
60W
3%
150mVp-p
DTA-060A-01Y160
16 VDC
3.8A
60W
3%
160mVp-p
DTA-060A-01Y170
17 VDC
3.5A
60W
3%
170mVp-p
DTA-060A-01Y180
18 VDC
3.4A
60W
3%
180mVp-p
DTA-060A-01Y190
19 VDC
3.2A
60W
3%
190mVp-p
DTA-060A-01Y200
20 VDC
3.0A
60W
3%
200mVp-p
DTA-060A-01Y210
21 VDC
2.9A
60W
3%
210mVp-p
DTA-060A-01Y220
22 VDC
2.7A
60W
3%
220mVp-p
DTA-060A-01Y230
23 VDC
2.6A
60W
3%
230mVp-p
DTA-060A-01Y240
90 ~ 264 VAC
24 VDC
2.5A
60W
3%
240mVp-p
NOTES
1. Ripple and Noise is measured peak–to–peak with 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic capacitor.
2. AC Inlet: IEC-320-C14 Standard.
MECHANICAL DRAWINGS
Unit: inches (mm)
STANDARD OUTPUT CABLE
1. AWG 1185#18AWG/1C+SHIELDING, UL 80°C 300V VW-1, 1050 mm.
2. AWG 2464#18/20AWG/4C+SHIELDING, UL 80°C 300V VW-1, 1050 mm.
3. Depends on customer’s requirements.


Similar Part No. - DTA-060A-01Y180

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA-050A-1Y05D0 WALL-DTA-050A-1Y05D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-050A-1Y06D0 WALL-DTA-050A-1Y06D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-050A-1Y07D0 WALL-DTA-050A-1Y07D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-050A-1Y08D0 WALL-DTA-050A-1Y08D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-050A-1Y09D0 WALL-DTA-050A-1Y09D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTA-060A-01Y180

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTA24-Y WALL-DTA24-Y Datasheet
141Kb / 2P
   20-24 Watts Single Output AC/DC Desktop Power Supply
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
DTA18-Y WALL-DTA18-Y Datasheet
143Kb / 2P
   15-18 Watts Single Output AC/DC Desktop Power Supply
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com