Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA-080A2-1Y24AP Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTA-080A2-1Y24AP
Description  With Active PFC 80 Watt Single Output AC/DC Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTA-080A2-1Y24AP Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTA-080A2-1Y24AP Datasheet HTML 1Page - Wall Industries,Inc. DTA-080A2-1Y24AP Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA-080 Series
With Active PFC
80 Watt Single Output
AC/DC Desktop Adapter
FEATURES:
● Single Output
● High Reliability
● With Active PFC
● RoHS / Lead Free
● Input: 90~264 VAC
● 100% Hi-Pot Tested
● 100% Burn-In Tested
● Total Power: 72~80 Watts
● AC Input: IEC 320-C14 Inlet
● Safety Approvals, EMC Compliance
● Dimensions: 132(L) x 69(W) x 40(H) mm
● Over Voltage and Short Circuit Protected
SPECIFICATIONS: DTA-080 Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............................. 90 – 264 VAC (full range)
Input Frequency ............................................................. 47 - 63Hz
Input Current (rms) ................ 2A @ 90VAC; 1A @ 264VAC max.
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table
Output Voltage ................................................................ see table
Voltage Regulation................................................................. ±5%
Maximum Power .................................................................... 80W
Ripple/Noise (20 MHz BW) ...................................................... 1%
Hold Up Time .................... >16ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection ........................................... Auto-recovery
Over Voltage Protection ..............................................AC Recycle
GENERAL SPECIFICATIONS
Efficiency............................................. >80% @ full load, 115VAC
Power Factor.........................................>0.9 (20% to 100% Load)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ............................................. 0°C to +40°C
Storage Temperature............................................... -10°C to+70°C
MTBF................ >80,000 hrs at FL and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Weight ....................................................................................12 oz
Dimensions ..........................................132(L) x 69(W) x 40(H) mm
AC Inlet .......................................................................IEC 320-C14
SAFETY & EMI
Safety Standards ..............................................................UL60950
......................................................................CSA C22.2-No.60950
................................................................................. TUV EN60950
................................................................................. CB IEC 60950
EMI Standards ............................................................FCC Class B
............................................................................ CISPR22 Class B
........................................................................... EN 55022 Class B
.................................................................................. EN 61000-3-2
................................................................................................... CE
Due to advances in technology, specifications subject to change without notice


Similar Part No. - DTA-080A2-1Y24AP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA-040A-01Y090 WALL-DTA-040A-01Y090 Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-040A-01Y120 WALL-DTA-040A-01Y120 Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-040A-01Y130 WALL-DTA-040A-01Y130 Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-040A-01Y138 WALL-DTA-040A-01Y138 Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-050A-1Y05D0 WALL-DTA-050A-1Y05D0 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTA-080A2-1Y24AP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
logo
ETA-USA
DTC80-XSX-F-W ETA-USA-DTC80-XSX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
   65 Watt Single Output AC/DC Medical Desktop Adapter
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSRL0402M WALL-PSRL0402M Datasheet
287Kb / 4P
   400 Watt with Airflow Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com