Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTAH3615-X Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTAH3615-X
Description  20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAH3615-X Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTAH3615-X Datasheet HTML 1Page - Wall Industries,Inc. DTAH3615-X Datasheet HTML 2Page - Wall Industries,Inc. DTAH3615-X Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA36 Series
20 ~ 30 Watts
Single Output
AC/DC Desktop Power Supply
Rev. B
FEATURES
● Single Output
● Energy Star Compliant
● Short Circuit Protected
● Output Current from 1.5 ~ 4A
● Output Voltages from 5 ~ 24VDC
● AC Inlet: IEC-320-C6 or IEC-320-C8
DESCRIPTION
The DTA36 Series has output power that ranges from 20~36 watts. These supplies have single outputs and are
short circuit protected. Output voltages are available from 5VDC to 24VDC. This series also comes with the option
of either an IEC-320-C8 or IEC-320-C6 AC inlet connector. All supplies are Energy Star compliant. Contact our
sales department for further information.
SPECIFICATIONS: DTA36 Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Range .............................................................. 100-240VAC
Input Frequency ............................................................... 47-63Hz
Inrush Current ..............................................30A max. @ 115VAC
Leakage Current ....................................................... 0.25mA max
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table
Line Regulation ...................................................................... ±1%
Load Regulation ..................................................................... ±5%
Ripple/Noise (20 MHz BW) ...................................................... 1%
Hold Up Time .....................................................10ms @ 115VAC
PROTECTION
Short Circuit Protection ............................................... Continuous
Over Voltage Protection ...................................................... Option
GENERAL SPECIFICATIONS
Isolation Resistance.....................................10M ohms @ 500VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .................................................. 0 ~ +40°C
Storage Temperature................................................... -25 ~ +95°C
PHYSICAL SPECIFICATIONS
Weight .................................................................................... 205g
Dimensions (L x W x H) ...........................4.33 x 1.97 x 1.18 inches
110 x 50 x 30 mm
AC Inlet .................................... IEC-320-C8 (Y) or IEC-320-C6 (M)
SAFETY
EMI Conduction ..................... FCC part 15J Class B and CISPR22
(EN55022) Class B
Safety Approvals.........UL/CUL, TUV/GS, CE, PSE, LPS, LVD, CB
Due to advances in technology, specifications subject to change without notice


Similar Part No. - DTAH3615-X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAH1212-Y WALL-DTAH1212-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAH1213-Y WALL-DTAH1213-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAH1214-Y WALL-DTAH1214-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAH1215-Y WALL-DTAH1215-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAH1812-Y WALL-DTAH1812-Y Datasheet
143Kb / 2P
   15-18 Watts Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTAH3615-X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA24-Y WALL-DTA24-Y Datasheet
141Kb / 2P
   20-24 Watts Single Output AC/DC Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA18-Y WALL-DTA18-Y Datasheet
143Kb / 2P
   15-18 Watts Single Output AC/DC Desktop Power Supply
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com