Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDX5116ACSE-3C-E Datasheet(PDF) 58 Page - Elpida Memory

Part # EDX5116ACSE-3C-E
Description  512M bits XDR??DRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDX5116ACSE-3C-E Datasheet(HTML) 58 Page - Elpida Memory

Back Button EDX5116ACSE-3C-E Datasheet HTML 54Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 55Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 56Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 57Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 58Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 59Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 60Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 61Page - Elpida Memory EDX5116ACSE-3C-E Datasheet HTML 62Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Preliminary Data Sheet E0881E20 (Ver. 2.0)
58
EDX5116ACSE
Operating Conditions
Electrical Conditions
Table 12 summarizes all electrical conditions (temperature and
voltage conditions) that may be applied to the memory compo-
nent. The first section of parameters is concerned with abso-
lute voltages, storage, and operating temperatures, and the
power supply, reference, and termination voltages.
The second section of parameters determines the input voltage
levels for the RSL RQ signals. The high and low voltages must
satisfy a symmetry parameter with respect to the VREF,RSL.
The third section of parameters determines the input voltage
levels for the RSL SI (serial interface) signals. The high and low
voltages must satisfy a symmetry parameter with respect to the
VREF,RSL.
The fourth section of parameters determines the input voltage
levels for the CFM clock signals. The high and low voltages are
specified by a common-mode value and a swing value.
The fifth section of parameters determines the input voltage
levels for the write data signals on the DRSL DQ pins. The
high and low voltage are specified by a common-mode value
and a swing value.
Table 12
Electrical Conditions
Symbol
Parameter
Minimum
Maximum
Unit
VIN,ABS
Voltage applied to any pin (except VDD) with respect to GND
- 0.300
1.500
V
VDD,ABS
Voltage on VDD with respect to GND
- 0.500
2.300
V
TSTORE
Storage temperature
- 50
100
°C
TJ
Junction temperature under bias during normal operation
0
100
°C
VDD
Supply voltage applied to VDD pins during normal operation
1.800 - 0.090
1.800 + 0.090
V
VREF,RSL
RSL - Reference voltage applied to VREF pina
VTERM,RSL
- 0.450 - 0.025
VTERM,RSL
- 0.450 + 0.025
V
VTERM,DRSL
DRSL - Termination voltage applied to VTERM pins
1.200 - 0.060
1.200 + 0.060
V
VIL,RQ
RSL RQ inputs -low voltage
VREF,RSL - 0.450
VREF,RSL - 0.150
V
VIH,RQb
RSL RQ inputs -high voltage
VREF,RSL + 0.150
VREF,RSL + 0.450
V
RA,RQ
RSL RQ inputs - data asymmetry:
RA,RQ = (VIH,RQ-VREF,RSL)/(VREF,RSL-VIL,RQ)
0.8
1.2
-
VIL,SI
RSL Serial Interface inputs -low voltage
VREF,RSL - 0.450
VREF,RSL - 0.200
V
VIH,SIb
RSL Serial Interface inputs -high voltage
VREF,RSL + 0.200
VREF,RSL + 0.450
V
RA,SI
RSL Serial Interface inputs - data asymmetry:
RA,SI = (VIH,SI-VREF,RSL)/(VREF,RSL-VIL,SI)
0.8
1.2
-
VICM,CFM
CFM/CFMN input - common mode: VICM,CFM = (VIH,CFMb+VIL,CFM)/2
VTERM,DRSL - 0.150
VTERM,DRSL - 0.075
V
VISW,CFM
CFM/CFMN input - high-low swing: VISW,CFM = (VIH,CFMb - VIL,CFM)
0.150
0.300
V
VICM,DQ
DRSL DQ inputs - common mode: VICM,DQ = (VIH,DQb+VIL,DQ)/2
VTERM,DRSL-0.150
VTERM,DRSL-0.025
V
VISW,DQ
DRSL DQ inputs - high-low swing: VISW,DQ = (VIH,DQb - VIL,DQ)
0.050
0.300
V
a. VTERM,RSL is typically 1.200V±0.060V. It connects to the RSL termination components, not to this DRAM component.
b. VIH is typically equal to VTERM,RSL or VTERM,DRSL (whichever is appropriate) under DC conditions in a system.


Similar Part No. - EDX5116ACSE-3C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDX5116ABSE ELPIDA-EDX5116ABSE Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
EDX5116ABSE-2A-E ELPIDA-EDX5116ABSE-2A-E Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
EDX5116ABSE-3A-E ELPIDA-EDX5116ABSE-3A-E Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
EDX5116ABSE-3B-E ELPIDA-EDX5116ABSE-3B-E Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
EDX5116ABSE-3C-E ELPIDA-EDX5116ABSE-3C-E Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
More results

Similar Description - EDX5116ACSE-3C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDX5116ADSE ELPIDA-EDX5116ADSE Datasheet
3Mb / 78P
   512M bits XDR??DRAM
EDX5116ABSE ELPIDA-EDX5116ABSE Datasheet
3Mb / 78P
   512M bits XDR DRAM (32M words x16 bits)
EDX1032BBBG-3C-F ELPIDA-EDX1032BBBG-3C-F Datasheet
1Mb / 85P
   1G bits XDR DRAM
EDS5104ABTA ELPIDA-EDS5104ABTA Datasheet
564Kb / 52P
   512M bits SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com