Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-8E-E Datasheet(PDF) 31 Page - Elpida Memory

Part # EDE1116ACSE-8E-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-8E-E Datasheet(HTML) 31 Page - Elpida Memory

Back Button EDE1116ACSE-8E-E Datasheet HTML 27Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 28Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 29Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 30Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 31Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 32Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 33Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 34Page - Elpida Memory EDE1116ACSE-8E-E Datasheet HTML 35Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
31
CKE (input pin)
CKE high activates, and CKE low deactivates, internal clock signals and device input buffers and output drivers.
Taking CKE low provides precharge power-down and Self-Refresh operation (all banks idle), or active power-down
(row active in any bank). CKE is synchronous for power down entry and exit, and for self-refresh entry. CKE is
asynchronous for self-refresh exit. CKE must be maintained high throughout read and write accesses. Input buffers,
excluding CK, /CK and CKE are disabled during power-down. Input buffers, excluding CKE, are disabled during self-
refresh.
DM, UDM and LDM (input pins)
DM is an input mask signal for write data. Input data is masked when DM is sampled high coincident with that input
data during a Write access. DM is sampled on both edges of DQS. Although DM pins are input only, the DM
loading matches the DQ and DQS loading.
For
×8 configuration, DM function will be disabled when RDQS function is enabled by EMRS.
In
× 16 configuration, UDM controls upper byte (DQ8 to DQ15) and LDM controls lower byte (DQ0 to DQ7). In this
datasheet, DM represents UDM and LDM.
DQ (input/output pins)
Bi-directional data bus.
DQS, /DQS UDQS, /UDQS, LDQS, /LDQS (input/output pins)
Output with read data, input with write data for source synchronous operation.
Edge-aligned with read data,
centered in write data. Used to capture write data. /DQS can be disabled by EMRS.
In
× 16 configuration, UDQS, /UDQS and LDQS, /LDQS control upper byte (DQ8 to DQ15) and lower byte (DQ0 to
DQ7). In this datasheet, DQS represents UDQS and LDQS, /DQS represents /UDQS and /LDQS.
RDQS, /RDQS (output pins)
Differential Data Strobe for READ operation only. DM and RDQS functions are switch able by EMRS. These pins
exist only in
×8 configuration. /RDQS output will be disabled when /DQS is disabled by EMRS.
ODT (input pins)
ODT (On Die Termination control) is a registered high signal that enables termination resistance internal to the DDR
2 SDRAM. When enabled, ODT is only applied to each DQ, DQS, /DQS, RDQS, /RDQS, and DM signal for
× 4, × 8
configurations. For
× 16 configuration, ODT is applied to each DQ, UDQS, /UDQS, LDQS, /LDQS, UDM, and LDM
signal. The ODT pin will be ignored if the Extended Mode Register (EMRS) is programmed to disable ODT. Any
time the EMRS enables the ODT function; ODT may not be driven high until eight clocks after the EMRS has been
enabled.
VDD, VSS, VDDQ, VSSQ (power supply)
VDD and VSS are power supply pins for internal circuits. VDDQ and VSSQ are power supply pins for the output
buffers.
VDDL and VSSDL (power supply)
VDDL and VSSDL are power supply pins for DLL circuits.
VREF (Power supply)
SSTL_18 reference voltage: (0.50
± 0.01) × VDDQ


Similar Part No. - EDE1116ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6ELI-E ELPIDA-EDE1116ACSE-6ELI-E Datasheet
756Kb / 75P
   1G bits DDR2 SDRAM WTR (Wide Temperature Range)
EDE1116ACSE-LI ELPIDA-EDE1116ACSE-LI Datasheet
756Kb / 75P
   1G bits DDR2 SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDE1116ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com