Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AJFA Datasheet(PDF) 16 Page - Elpida Memory

Part # EBE51RD8AJFA
Description  512MB Registered DDR2 SDRAM DIMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AJFA Datasheet(HTML) 16 Page - Elpida Memory

Back Button EBE51RD8AJFA Datasheet HTML 12Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 13Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 14Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 15Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 16Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 17Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 18Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 19Page - Elpida Memory EBE51RD8AJFA Datasheet HTML 20Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
EBE51RD8AJFA
Data Sheet E1036E30 (Ver. 3.0)
16
Pin Capacitance (TA = 25°C, VDD = 1.8V ± 0.1V)
Parameter
Symbol
Pins
min.
max.
Unit
Notes
Input capacitance
CI1
Address, /RAS, /CAS,
/WE, /CS, CKE, ODT
2.0
3.5
pF
1
Input capacitance
CI2
CK, /CK
2.0
3.0
pF
2
Input/output pin capacitance
-6E
CI/O
2.5
3.5
pF
3
-5C, -4A
DQ, DQS, /DQS, UDQS,
/UDQS, LDQS, /LDQS,
RDQS, /RDQS, DM,
UDM, LDM, CB
2.5
4.0
pF
3
Notes: 1. Register component specification.
2. PLL component specification.
3. DDR2 SDRAM component specification.


Similar Part No. - EBE51RD8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA-4A-E ELPIDA-EBE51RD8ABFA-4A-E Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA-5C-E ELPIDA-EBE51RD8ABFA-5C-E Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com