Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1104ACSE-5C-E Datasheet(PDF) 33 Page - Elpida Memory

Part # EDE1104ACSE-5C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104ACSE-5C-E Datasheet(HTML) 33 Page - Elpida Memory

Back Button EDE1104ACSE-5C-E Datasheet HTML 29Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 30Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 31Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 32Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 33Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 34Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 35Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 36Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 37Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
33
CKE Truth Table
CKE
Current state*
2
Previous
cycle (n-1)*
1
Current
cycle (n)
*1
Command(n)
*3
/CS, /RAS, /CAS, /WE
Operation (n)
*3
Notes
Power down
L
L
×
Maintain power down
11, 13, 15
L
H
DESL or NOP
Power down exit
4, 8, 11, 13
Self-refresh
L
L
×
Maintain self-refresh
11, 15
L
H
DESL or NOP
Self-refresh exit
4, 5, 9
Bank Active
H
L
DESL or NOP
Active power down entry
4, 8, 10, 11, 13
All banks idle
H
L
DESL or NOP
Precharge power down entry
4, 8, 10, 11, 13
H
L
SELF
Self-refresh entry
6, 9, 11, 13
Any state other than
listed above
H
H
Refer to the Command Truth Table
7
Remark: H = VIH. L = VIL.
× = Don’t care
Notes: 1. CKE (n) is the logic state of CKE at clock edge n; CKE (n
−1) was the state of CKE at the previous clock
edge.
2. Current state is the state of the DDR SDRAM immediately prior to clock edge n.
3. Command (n) is the command registered at clock edge n, and operation (n) is a result of Command (n).
4. All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this
document.
5. On self-refresh exit, [DESL] or [NOP] commands must be issued on every clock edge occurring during the
tXSNR period. Read commands may be issued only after tXSRD (200 clocks) is satisfied.
6. Self-refresh mode can only be entered from the all banks idle state.
7. Must be a legal command as defined in the command truth table.
8. Valid commands for power down entry and exit are [NOP] and [DESL] only.
9. Valid commands for self-refresh exit are [NOP] and [DESL] only.
10. Power down and self-refresh can not be entered while read or write operations, (extended) mode register
set operations or precharge operations are in progress.
See section Power Down and Self-Refresh
Command for a detailed list of restrictions.
11. Minimum CKE high time is 3 clocks; minimum CKE low time is 3 clocks.
12. The state of ODT does not affect the states described in this table. The ODT function is not available
during self-refresh. See section ODT (On Die Termination).
13. The power down does not perform any refresh operations. The duration of power down mode is therefore
limited by the refresh requirements outlined in section automatic refresh command.
14. CKE must be maintained high while the SDRAM is in OCD calibration mode.
15. “
×” means “don’t care” (including floating around VREF) in self-refresh and power down. However ODT
must be driven high or low in power down if the ODT function is enabled (bit A2 or A6 set to “1” in EMRS
(1) ).


Similar Part No. - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-5C-E ELPIDA-EDE1104ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-6E-E ELPIDA-EDE1104ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-8E-E ELPIDA-EDE1104ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com