Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1104ACSE-5C-E Datasheet(PDF) 25 Page - Elpida Memory

Part # EDE1104ACSE-5C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104ACSE-5C-E Datasheet(HTML) 25 Page - Elpida Memory

Back Button EDE1104ACSE-5C-E Datasheet HTML 21Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 22Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 23Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 24Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 25Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 26Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 27Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 28Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 29Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
25
[Derating Values of tIS/tIH (DDR2-533)]
CK, /CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
∆tIS
∆tIH
∆tIS
∆tIH
∆tIS
∆tIH
Unit Notes
4.0
+187
+94
+217
+124
+247
+154
ps
3.5
+179
+89
+209
+119
+239
+149
ps
3.0
+167
+83
+197
+113
+227
+143
ps
2.5
+150
+75
+180
+105
+210
+135
ps
2.0
+125
+45
+155
+75
+185
+105
ps
1.5
+83
+21
+113
+51
+143
+81
ps
1.0
0
0
+30
+30
+60
60
ps
0.9
−11
−14
+19
+16
+49
+46
ps
0.8
−25
−31
+5
−1
+35
+29
ps
0.7
−43
−54
−13
−24
+17
+6
ps
0.6
−67
−83
−37
−53
−7
−23
ps
0.5
−110
−125
−80
−95
−50
−65
ps
0.4
−175
−188
−145
−158
−115
−128
ps
0.3
−285
−292
−255
−262
−225
−232
ps
0.25
−350
−375
−320
−345
−290
−315
ps
0.2
−525
−500
−495
−470
−465
−440
ps
0.15
−800
−708
−770
−678
−740
−648
ps
Command/address
slew rate (V/ns)
0.1
−1450
−1125
−1420
−1095
−1390
−1065
ps


Similar Part No. - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-5C-E ELPIDA-EDE1104ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-6E-E ELPIDA-EDE1104ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-8E-E ELPIDA-EDE1104ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com