Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1104ACSE-5C-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EDE1104ACSE-5C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104ACSE-5C-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDE1104ACSE-5C-E Datasheet HTML 7Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 8Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 9Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 10Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 11Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 12Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 13Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 14Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
11
DC Characteristics 2 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
2
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
5
µA
VDDQ
≥ VOUT ≥ VSS
Minimum required output pull-up under AC
test load
VOH
VTT + 0.603
V
5
Maximum required output pull-down under
AC test load
VOL
VTT
− 0.603
V
5
Output timing measurement reference level VOTR
0.5
× VDDQ
V
1
Output minimum sink DC current
IOL
+13.4
mA
3, 4, 5
Output minimum source DC current
IOH
−13.4
mA
2, 4, 5
Notes: 1. The VDDQ of the device under test is referenced.
2. VDDQ = 1.7V; VOUT = 1.42V.
3. VDDQ = 1.7V; VOUT = 0.28V.
4. The DC value of VREF applied to the receiving device is expected to be set to VTT.
5. After OCD calibration to 18
Ω at TC = 25°C, VDD = VDDQ = 1.8V.
DC Characteristics 3 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
min.
max.
Unit
Notes
AC differential input voltage
VID (AC)
0.5
VDDQ
+ 0.6
V
1, 2
AC differential cross point voltage
VIX (AC)
0.5
× VDDQ − 0.175
0.5
× VDDQ + 0.175
V
2
AC differential cross point voltage
VOX (AC)
0.5
× VDDQ − 0.125
0.5
× VDDQ + 0.125
V
3
Notes: 1. VID (AC) specifies the input differential voltage |VTR -VCP| required for switching, where VTR is the true
input signal (such as CK, DQS, RDQS) and VCP is the complementary input signal (such as /CK, /DQS,
/RDQS). The minimum value is equal to VIH (AC)
− VIL (AC).
2. The typical value of VIX (AC) is expected to be about 0.5
× VDDQ of the transmitting device and VIX (AC)
is expected to track variations in VDDQ. VIX (AC) indicates the voltage at which differential input signals
must cross.
3. The typical value of VOX (AC) is expected to be about 0.5
× VDDQ of the transmitting device and
VOX (AC) is expected to track variations in VDDQ. VOX (AC) indicates the voltage at which differential
output signals must cross.
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
VDDQ
Differential Signal Levels*
1, 2


Similar Part No. - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-5C-E ELPIDA-EDE1104ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-6E-E ELPIDA-EDE1104ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-8E-E ELPIDA-EDE1104ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com