Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1104ACSE-5C-E Datasheet(PDF) 46 Page - Elpida Memory

Part # EDE1104ACSE-5C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104ACSE-5C-E Datasheet(HTML) 46 Page - Elpida Memory

Back Button EDE1104ACSE-5C-E Datasheet HTML 42Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 43Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 44Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 45Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 46Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 47Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 48Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 49Page - Elpida Memory EDE1104ACSE-5C-E Datasheet HTML 50Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
46
Extended Mode Register Set for OCD Impedance Adjustment
OCD impedance adjustment can be done using the following EMRS mode. In drive mode all outputs are driven out
by DDR2 SDRAM and drive of RDQS is dependent on EMRS bit enabling RDQS operation. In Drive (1) mode, all
DQ, DQS (and RDQS) signals are driven high and all /DQS signals are driven low. In drive (0) mode, all DQ, DQS
(and RDQS) signals are driven low and all /DQS signals are driven high.
In adjust mode, BL = 4 of operation code data must be used. In case of OCD calibration default, output driver
characteristics follow approximate nominal V/I curve for 18
Ω output drivers, but are not guaranteed. If tighter control
is required, which is controlled within 18
Ω ± 3Ω driver impedance range, OCD must be used.
OCD applies only to normal full strength output drive setting defined by EMRS (1) and if reduced strength is set,
OCD default output driver characteristics are not applicable. When OCD calibration adjust mode is used, OCD
default output driver characteristics are not applicable.
[OCD Mode Set Program]
A9
A8
A7
Operation
0
0
0
OCD calibration mode exit
0
0
1
Drive (1) DQ, DQS, (RDQS) high and /DQS low
0
1
0
Drive (0) DQ, DQS, (RDQS) low and /DQS high
1
0
0
Adjust mode
1
1
1
OCD calibration default
OCD Impedance Adjustment
To adjust output driver impedance, controllers must issue the ADJUST EMRS command along with a 4bit burst code
to DDR2 SDRAM as in OCD Adjustment Program table. For this operation, burst length has to be set to BL = 4 via
MRS command before activating OCD and controllers must drive this burst code to all DQs at the same time. DT0 in
OCD Adjustment Program table means all DQ bits at bit time 0, DT1 at bit time 1, and so forth. The driver output
impedance is adjusted for all DDR2 SDRAM DQs simultaneously and after OCD calibration, all DQs and DQS's of a
given DDR2 SDRAM will be adjusted to the same driver strength setting. The maximum step count for adjustment is
16 and when the limit is reached, further increment or decrement code has no effect. The default setting may be any
step within the 16-step range.
When Adjust mode command is issued, AL from previously set value must be
applied.
[OCD Adjustment Program]
4bits burst data inputs to all DQs
Operation
DT0
DT1
DT2
DT3
Pull-up driver strength
Pull-down driver strength
0
0
0
0
NOP
NOP
0
0
0
1
Increase by 1 step
NOP
0
0
1
0
Decrease by 1 step
NOP
0
1
0
0
NOP
Increase by 1 step
1
0
0
0
NOP
Decrease by 1 step
0
1
0
1
Increase by 1 step
Increase by 1 step
0
1
1
0
Decrease by 1 step
Increase by 1 step
1
0
0
1
Increase by 1 step
Decrease by 1 step
1
0
1
0
Decrease by 1 step
Decrease by 1 step
Other combinations
Reserved


Similar Part No. - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-5C-E ELPIDA-EDE1104ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-6E-E ELPIDA-EDE1104ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-8E-E ELPIDA-EDE1104ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com