Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4737A Datasheet(PDF) 3 Page - Weitron Technology

Part # 1N4737A
Description  Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N4737A Datasheet(HTML) 3 Page - Weitron Technology

  1N4737A Datasheet HTML 1Page - Weitron Technology 1N4737A Datasheet HTML 2Page - Weitron Technology 1N4737A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http//www.weitron.com.tw
3/3
1N4728A Thru 1N4761A
17-Jan-07
VZnom1)
IZT
for
rzjT
rzjK
at
IZK
IR
at
VR
V
mA
Ω
Ω
mA
μ
A
V
1N4728A
3.3
76
<10
<400
1
<100
1
1N4729A
3.6
69
<10
<400
1
<100
1
1N4730A
3.9
64
<9
<400
1
<50
1
1N4731A
4.3
58
<9
<400
1
<10
1
1N4732A
4.7
53
<8
<500
1
<10
1
1N4733A
5.1
49
<7
<550
1
<10
1
1N4734A
5.6
45
<5
<600
1
<10
2
1N4735A
6.2
41
<2
<700
1
<10
3
1N4736A
6.8
37
<3.5
<700
1
<10
4
1N4737A
7.5
34
<4.0
<700
0. 5
<10
5
1N4738A
8.2
31
<4.5
<700
0. 5
<10
6
1N4739A
9.1
28
<5.0
<700
0. 5
<10
7
1N4740A
10
25
<7
<700
0.25
<10
7.6
1N4741A
11
23
<8
<700
0.25
<5
8.4
1N4742A
12
21
<9
<700
0.25
<5
9.1
1N4743A
13
19
<10
<700
0.25
<5
9.9
1N4744A
15
17
<14
<700
0.25
<5
11.4
1N4745A
16
15.5
<16
<700
0.25
<5
12.2
1N4746A
18
14
<20
<750
0.25
<5
13.7
1N4747A
20
12.5
<22
<750
0.25
<5
15.2
1N4748A
22
11.5
<23
<750
0.25
<5
16.7
1N4749A
24
10.5
<25
<750
0.25
<5
18.2
1N4750A
27
9.5
<35
<750
0.25
<5
20.6
1N4751A
30
8.5
<40
<1000
0.25
<5
22.8
1N4752A
33
7.5
<45
<1000
0.25
<5
25.1
1N4753A
36
7.0
<50
<1000
0.25
<5
27.4
1N4754A
39
6.5
<60
<1000
0.25
<5
29.7
1N4755A
43
6.0
<70
<1500
0.25
<5
32.7
1N4756A
47
5.5
<80
<1500
0.25
<5
35.8
1N4757A
51
5.0
<95
<1500
0.25
<5
38.8
1N4758A
56
4.5
<110
<2000
0.25
<5
42.6
1N4759A
62
4.0
<125
<2000
0.25
<5
47.1
1N4760A
68
3.7
<150
<2000
0.25
<5
51.7
1N4761A
75
3.3
<175
<2000
0.25
<5
56
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30℃,
9.5mm(3/8”) from the diode body.
Type


Similar Part No. - 1N4737A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4737A PHILIPS-1N4737A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4737A VISHAY-1N4737A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SeCoS Halbleitertechnol...
1N4737A SECOS-1N4737A Datasheet
149Kb / 2P
   ZENER DIODES
logo
RFE international
1N4737A RFE-1N4737A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
List of Unclassifed Man...
1N4737A ETC1-1N4737A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4737A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com