Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACBG Datasheet(PDF) 23 Page - Elpida Memory

Part # EDE1116ACBG
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACBG Datasheet(HTML) 23 Page - Elpida Memory

Back Button EDE1116ACBG Datasheet HTML 19Page - Elpida Memory EDE1116ACBG Datasheet HTML 20Page - Elpida Memory EDE1116ACBG Datasheet HTML 21Page - Elpida Memory EDE1116ACBG Datasheet HTML 22Page - Elpida Memory EDE1116ACBG Datasheet HTML 23Page - Elpida Memory EDE1116ACBG Datasheet HTML 24Page - Elpida Memory EDE1116ACBG Datasheet HTML 25Page - Elpida Memory EDE1116ACBG Datasheet HTML 26Page - Elpida Memory EDE1116ACBG Datasheet HTML 27Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
EDE1104ACBG, EDE1108ACBG, EDE1116ACBG
Data Sheet E1173E40 (Ver. 4.0)
23
Input Slew Rate Derating
For all input signals the total tIS, tDS (setup time) and tIH, tDH (hold time) required is calculated by adding the data
sheet tIS (base), tDS (base) and tIH (base), tDH (base) value to the
∆tIS, ∆tDS and ∆tIH, ∆tDH derating value
respectively.
Example: tDS (total setup time) = tDS (base) +
∆tDS.
Setup (tIS, tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF
(DC) and the first crossing of VIH (AC) min. Setup (tIS, tDS) nominal slew rate for a falling signal is defined as the
slew rate between the last crossing of VREF (DC) and the first crossing of VIL (AC) max. If the actual signal is
always earlier than the nominal slew rate line between shaded ‘VREF (DC) to AC region’, use nominal slew rate for
derating value (See the figure of Slew Rate Definition Nominal).
If the actual signal is later than the nominal slew rate line anywhere between shaded ‘VREF (DC) to AC region’, the
slew rate of a tangent line to the actual signal from the AC level to DC level is used for derating value (see the figure
of Slew Rate Definition Tangent).
Hold (tIH, tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VIL (DC) max. and the first crossing of VREF (DC).
Hold (tIH, tDH) nominal slew rate for a falling signal is defined
as the slew rate between the last crossing of VIH (DC) min. and the first crossing of VREF (DC). If the actual signal
is always later than the nominal slew rate line between shaded ‘DC level to VREF (DC) region’, use nominal slew
rate for derating value (See the figure of Slew Rate Definition Nominal).
If the actual signal is earlier than the nominal slew rate line anywhere between shaded ‘DC to VREF (DC) region’,
the slew rate of a tangent line to the actual signal from the DC level to VREF (DC) level is used for derating value
(see the figure of Slew Rate Definition Tangent).
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached
VIH/IL (AC) at the time of the rising clock transition) a valid input signal is still required to complete the transition and
reach VIH/IL (AC).
For slew rates in between the values listed in the tables below, the derating values may obtained by linear
interpolation.
These values are typically not subject to production test. They are verified by design and characterization.
[Derating Values of tDS/tDH with Differential DQS (DDR2-533)]
DQS, /DQS differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
0.8 V/ns
∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH Unit
2.0
+125 +45
+125 +45
+125 +45
ps
1.5
+83
+21
+83
+21
+83
+21
+95
+33
ps
1.0
0
0
0
0
0
0
+12
+12
+24
+24
ps
0.9
−11 −14 −11 −14 +1
−2
+13
+10
+25
+22
ps
0.8
−25 −31 −13 −19 −1
−7
11
+5
+23
+17
ps
0.7
−31 −42 −19 −30 −7
−18 +5
−6
+17
+6
ps
0.6
−43 −59 −31 −47 −19 −35 −7
−23 +5
−11 ps
0.5
−74 −89 −62 −77 −50 −65 −38 −53 ps
DQ
slew
rate
(V/ns)
0.4
−127 −140 −115 −128 −103 −116 ps


Similar Part No. - EDE1116ACBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE ELPIDA-EDE1116ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACSE-5C-E ELPIDA-EDE1116ACSE-5C-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACSE-6E-E ELPIDA-EDE1116ACSE-6E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACSE-6ELI-E ELPIDA-EDE1116ACSE-6ELI-E Datasheet
756Kb / 75P
   1G bits DDR2 SDRAM WTR (Wide Temperature Range)
EDE1116ACSE-8E-E ELPIDA-EDE1116ACSE-8E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ACBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com