Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-6ELI-E Datasheet(PDF) 20 Page - Elpida Memory

Part # EDE1116ACSE-6ELI-E
Description  1G bits DDR2 SDRAM WTR (Wide Temperature Range)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-6ELI-E Datasheet(HTML) 20 Page - Elpida Memory

Back Button EDE1116ACSE-6ELI-E Datasheet HTML 16Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 17Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 18Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 19Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 20Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 21Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 22Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 23Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 24Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
EDE1116ACSE-LI
Data Sheet E1103E20 (Ver. 2.0)
20
[Derating Values of tIS/tIH (DDR2-667)]
CK, /CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
∆tIS
∆tIH
∆tIS
∆tIH
∆tIS
∆tIH
Unit
Notes
4.0
+150
+94
+180
+124
+210
+154
ps
3.5
+143
+89
+173
+119
+203
+149
ps
3.0
+133
+83
+163
+113
+193
+143
ps
2.5
+120
+75
+150
+105
+180
+135
ps
2.0
+100
+45
+130
+75
+160
+105
ps
1.5
+67
+21
+97
+51
+127
+81
ps
1.0
0
0
+30
+30
+60
+60
ps
0.9
−5
−14
+25
+16
+55
+46
ps
0.8
−13
−31
+17
−1
+47
+29
ps
0.7
−22
−54
+8
−24
+38
+6
ps
0.6
−34
−83
−4
−53
+26
−23
ps
0.5
−60
−125
−30
−95
0
−65
ps
0.4
−100
−188
−70
−158
−40
−128
ps
0.3
−168
−292
−138
−262
−108
−232
ps
0.25
−200
−375
−170
−345
−140
−315
ps
0.2
−325
−500
−295
−470
−265
−440
ps
0.15
−517
−708
−487
−678
−457
−648
ps
Command/address
slew rate (V/ns)
0.1
−1000
−1125
−970
−1095
−940
−1065
ps


Similar Part No. - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6E-E ELPIDA-EDE1116ACSE-6E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AJTA-TI ELPIDA-EDS6416AJTA-TI Datasheet
637Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS1232AATA-MI ELPIDA-EDS1232AATA-MI Datasheet
643Kb / 53P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TI ELPIDA-EDS6416AHTA-TI Datasheet
694Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFBH-TT ELPIDA-EDS6432AFBH-TT Datasheet
714Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com