Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-6ELI-E Datasheet(PDF) 15 Page - Elpida Memory

Part # EDE1116ACSE-6ELI-E
Description  1G bits DDR2 SDRAM WTR (Wide Temperature Range)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-6ELI-E Datasheet(HTML) 15 Page - Elpida Memory

Back Button EDE1116ACSE-6ELI-E Datasheet HTML 11Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 12Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 13Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 14Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 15Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 16Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 17Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 18Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 19Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
EDE1116ACSE-LI
Data Sheet E1103E20 (Ver. 2.0)
15
AC Input Test Conditions
Parameter
Symbol
Value
Unit
Notes
Input reference voltage
VREF
0.5
× VDDQ
V
1
Input signal maximum peak to peak swing
VSWING (max.)
1.0
V
1
Input signal minimum slew rate
SLEW
1.0
V/ns
2, 3
Notes: 1. Input waveform timing is referenced to the input signal crossing through the VIH/IL (AC) level applied to
the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH (AC) min. for
rising edges and the range from VREF to VIL (AC) max. for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL (AC) to VIH (AC) on the positive
transitions and VIH (AC) to VIL (AC) on the negative transitions.
VSWING(max.)
∆TR
∆TF
VREF
VIL (AC)(max.)
∆TF
Falling slew =
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
VIH (AC) min.
VREF
∆TR
Rising slew =
AC Input Test Signal Wave forms
VTT
Measurement point
DQ
RT =25
Output Load


Similar Part No. - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6E-E ELPIDA-EDE1116ACSE-6E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AJTA-TI ELPIDA-EDS6416AJTA-TI Datasheet
637Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS1232AATA-MI ELPIDA-EDS1232AATA-MI Datasheet
643Kb / 53P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TI ELPIDA-EDS6416AHTA-TI Datasheet
694Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFBH-TT ELPIDA-EDS6432AFBH-TT Datasheet
714Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com