Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-6ELI-E Datasheet(PDF) 56 Page - Elpida Memory

Part # EDE1116ACSE-6ELI-E
Description  1G bits DDR2 SDRAM WTR (Wide Temperature Range)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-6ELI-E Datasheet(HTML) 56 Page - Elpida Memory

Back Button EDE1116ACSE-6ELI-E Datasheet HTML 52Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 53Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 54Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 55Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 56Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 57Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 58Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 59Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 60Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
EDE1116ACSE-LI
Data Sheet E1103E20 (Ver. 2.0)
56
Precharge Command [PRE]
The precharge command is used to precharge or close a bank that has been activated. The precharge command is
triggered when /CS, /RAS and /WE are low and /CAS is high at the rising edge of the clock.
The precharge
command can be used to precharge each bank independently or all banks simultaneously. Three address bits A10,
BA0, BA1 and BA2 are used to define which bank to precharge when the command is issued.
[Bank Selection for Precharge by Address Bits]
A10
BA0
BA1
BA2
Precharged Bank(s)
L
L
L
L
Bank 0 only
L
H
L
L
Bank 1 only
L
L
H
L
Bank 2 only
L
H
H
L
Bank 3 only
L
L
L
H
Bank 4 only
L
H
L
H
Bank 5 only
L
L
H
H
Bank 6 only
L
H
H
H
Bank 7 only
H
×
×
×
All banks 0 to 7
Remark: H: VIH, L: VIL,
×: VIH or VIL
Burst Read Operation Followed by Precharge
Minimum read to precharge command spacing to the same bank = AL + BL/2 clocks
For the earliest possible precharge, the precharge command may be issued on the rising edge that is
“Additive latency (AL) + BL/2 clocks” after a Read command. A new bank active (command) may be issued to the
same bank after the RAS precharge time (tRP). A precharge command cannot be issued until tRAS is satisfied.
NOP
CK
/CK
T0
T1
T2
T3
T4
T5
T6
T7
T8
Command
DQS, /DQS
DQ
RL = 4
AL = 1
CL = 3
out0
out2
PRE
NOP
out1
out3
Posted
READ
NOP
≥tRP
≥tRAS
ACT
AL + BL/2 clocks
Burst Read Operation Followed by Precharge (RL = 4, BL = 4 (AL=1, CL=3))


Similar Part No. - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6E-E ELPIDA-EDE1116ACSE-6E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AJTA-TI ELPIDA-EDS6416AJTA-TI Datasheet
637Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS1232AATA-MI ELPIDA-EDS1232AATA-MI Datasheet
643Kb / 53P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TI ELPIDA-EDS6416AHTA-TI Datasheet
694Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFBH-TT ELPIDA-EDS6432AFBH-TT Datasheet
714Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com