Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAC08BT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MAC08BT1
Description  TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MAC08BT1 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAC08BT1 Series
3–42
Motorola Thyristor Device Data
α =CONDUCTION
ANGLE
110
100
90
80
60
50
70
IT(RMS), RMS ON-STATE CURRENT (AMPS)
110
100
90
80
60
50
40
30
20
70
Figure 2. On-State Characteristics
Figure 3. Junction to Ambient Thermal
Resistance versus Copper Tab Area
Figure 4. Current Derating, Minimum Pad Size
Reference: Ambient Temperature
Figure 5. Current Derating, 1.0 cm Square Pad
Reference: Ambient Temperature
FOIL AREA (cm2)
IT(RMS), RMS ON-STATE CURRENT (AMPS)
Figure 6. Current Derating, 2.0 cm Square Pad
Reference: Ambient Temperature
10
1.0
0.1
0.01
5.0
4.0
3.0
2.0
30
60
70
80
90
160
2.0
0
110
0.5
0.3
0.2
0.1
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
0.7
0.6
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
1.0
0
4.0
6.0
8.0
10
100
90
80
60
50
40
30
20
0.6
0.7
0.8
150
140
130
120
110
40
50
100
4
1 2 3
MINIMUM
FOOTPRINT = 0.076 cm2
DEVICE MOUNTED ON
FIGURE 1 AREA = L2
PCB WITH TAB AREA
AS SHOWN
0.4
70
dc
30
°
60
°
α = 180°
dc
30
°
MINIMUM FOOTPRINT
50 OR 60 Hz
120
°
110
105
100
95
90
85
80
IT(RMS), ON-STATE CURRENT (AMPS)
Figure 7. Current Derating
Reference: MT2 Tab
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
120
°
dc
30
°
120
°
L
L
90
°
120
°
90
°
60
°
30
°
90
°
TYPICAL AT TJ = 110°C
MAX AT TJ = 110°C
MAX AT TJ = 25°C
60
°
α = 180°
1.0 cm2 FOIL AREA
50 OR 60 Hz
α = 180°
α = 180°
REFERENCE:
FIGURE 1
60
°
α
α
α
α
α =CONDUCTION
ANGLE
α
α
α =CONDUCTION
ANGLE
4.0 cm2 FOIL AREA
α
α
90
° α =CONDUCTION
ANGLE
0.5
0.4
0.3
dc
vT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
TYPICAL
MAXIMUM


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn