Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAC08BT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MAC08BT1
Description  TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MAC08BT1 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3–40
Motorola Thyristor Device Data
SOT 223 Triac
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and other light
industrial or consumer applications. Supplied in surface mount package for use in
automated manufacturing.
• Sensitive Gate Trigger Current in Four Trigger Modes
• Blocking Voltage to 600 Volts
• Glass Passivated Surface for Reliability and Uniformity
• Surface Mount Package
• Devices Supplied on 1 K Reel
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Blocking Voltage(1)
(1/2 Sine Wave, Gate Open, TJ = 25 to 110°C)
MAC08BT1
MAC08DT1
MAC08MT1
VDRM
200
400
600
Volts
On-State Current RMS (TC = 80°C)
IT(RMS)
0.8
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = 25°C)
ITSM
10
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = 25°C)
ITSM
10
Amps
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
Peak Gate Power (t < 2.0
µs)
PGM
5.0
Watts
Average Gate Power (TC = 80°C, t = 8.3 ms)
PG(AV)
0.1
Watts
Operating Junction Temperature Range
TJ
–40 to +110
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Maximum Device Temperature for Soldering Purposes (for 5 Seconds Maximum)
TL
260
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
PCB Mounted per Figure 1
R
θJA
156
°C/W
Thermal Resistance, Junction to Ambient
PCB Mounted per Figure 1
R
θJA
156
°C/W
Thermal Resistance, Junction to Tab
Measured on Anode Tab Adjacent to Epoxy
R
θJT
25
°C/W
Thermal Resistance, Junction to Tab
Measured on Anode Tab Adjacent to Epoxy
R
θJT
25
°C/W
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC08BT1
Series
TRIAC
0.8 AMPERE RMS
200 thru 600 Volts
CASE 318E-04
(SOT-223)
STYLE 11
*Motorola preferred devices
*
REV 1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn