Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAC08BT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MAC08BT1
Description  TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MAC08BT1 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAC08BT1 Series
3–43
Motorola Thyristor Device Data
+
1.0
0.8
0.7
0.5
0.4
0.2
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
Figure 8. Power Dissipation
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
dc
90
°
120
°
10
1.0
di/dtc, RATE OF CHANGE OF COMMUTATING CURRENT (A/mS)
t, TIME (SECONDS)
0.01
1.0
0.001
0.0001
1.0
0.01
0.1
10
100
10
0.1
10
1.0
TJ, JUNCTION TEMPERATURE (°C)
90
80
70
60
100
110
VDRM = 200 V
400 Hz
300 Hz
0.9
0.6
0.3
0.1
1.0
CHARGE
CONTROL
75 VRMS,
ADJUST FOR
ITM, 60 Hz VAC
CHARGE
5
µF
NON-POLAR
CL
80 mHY
LL
MEASURE I
1N914
51
2
1
RS
56
0.047 CS
ADJUST FOR
dv/dt(c)
1N4007
200 V
G
110
°
VDRM
ITM
60 Hz
tw
30
°
TRIGGER
Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
60
°
80
°
180 Hz
α = 180°
60
°
100
°
α
α
α =CONDUCTION
ANGLE
Figure 9. Thermal Response, Device
Mounted on Figure 1 Printed Circuit Board
Figure 10. Simplified Q1 (dv/dt)c Test Circuit
Figure 11. Typical Commutating dv/dt versus
Current Crossing Rate and Junction Temperature
Figure 12. Typical Commutating dv/dt versus
Junction Temperature at 0.8 Amps RMS
f
+ 1
2tw
(di dt)c
+
6f I
TM
1000


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn