Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRH-200B Datasheet(PDF) 1 Page - PIC GmbH

Part No. TRH-200B
Description  Standard Form C Switch
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

TRH-200B Datasheet(HTML) 1 Page - PIC GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
TRH-200B
Standard Form C Switch
Pb
Lead free
m
10
Dimensions
COM
B
A
C
D
E
2.54
N.C.
N.O.
Electrical Characteristics
Contact form
C
Contact material
Rh
Contact rating max.
5
Switching current max.
0.25
Carry current max.
1.5
175
Switching voltage max.
120
Breakdown voltage min.
200
Contact resistance (initial) max.
100
Insulation resistance min.
9
Capacitance typ.
1.0
W / VA
A
A
VDC
VAC
VDC
pF
Pull in range available
15 - 30
AT
200
Drop out min.
5
AT
Magnetical Characteristics
Test coil
Operate time (incl. bounce) max.
0.7
ms
Release time max.
1.0
ms
Switching frequency max.
100
Hz
Resonant frequency typ.
1100
Hz
Operating Characteristics
Vibration (50-2000 Hz)
30
g
Shock (1/2 sin 11 ms)
50
g
Operating temperature
-40 to +125
°C
52.50
= Total length nom.
14.80
= Glass length max.
2.70
= Glass diameter max.
0.55
= Wire diameter nom.
24.20
= Gap location nom.
A
B
C
D
E
in mm
TC
© PIC GmbH, Nürnberg (GERMANY)
Page 1 of 1
trh200b_e
2.2
Rev.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn