Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAL1243-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAL1243-50
Description  Broadband Access Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAL1243-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAL1243-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LAL1243-50
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and
250V working voltage
RoHS Compliant
Excellent THD performance
Operating Temperature -40°C to 85°C
Electrical Specifications @25℃
OCL:
PIN 1-4= 82uH ±10% @ 10KHz/0.1V/Ser.
Leakage
Inductance:
PIN 1-4= 0.35 uH Max.
@ 100KHz/0.1V
IInterwinding
Capacitance
PIN 1-8= 30 pF Max.
@ 100KHz/0.1V
T.H.D
PIN 1-4 to PIN 8-5= -80dB Max. @ 138KHz/2V
LCL
-38dBMax. @ 17MHz/0.1V
PIN 1-4= 2.0 ohm Max.
D.C.R:
PIN 8-5 = 1.0 ohm Max.
Hi-POT :
PRI. – SEC. =1500VAC/60Hz/2Seconds/1mA
Turn Ratio:
PIN1-4 : PIN 8-5 = 1.33±2% :1
Dimensions (Units: mm)
Schematic
Mark
1.LAL****----LAL1243
2. X----PRODUCT LINE
3. DATE CODE----YYWW
4. G----RoHS
LAL****
LinkCom
X DATE CODE G
8.0Max
A
B
C
5.1Ref
7.8±0.5
SQ0.4±0.2
D
F
1.9±0.5 E
1.90
0.80
SUGGESTED PAD LAYOUT
PIN1
Form Ver. A


Similar Part No. - LAL1243-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL1240-50 LINKCOM-LAL1240-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
   Broadband Access Transformer
More results

Similar Description - LAL1243-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
   Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
   Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
   Broadband Access Transformer
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL2014-50 LINKCOM-LAL2014-50 Datasheet
89Kb / 1P
   Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
   Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
   Broadband Access Transformer
LAL1142-50 LINKCOM-LAL1142-50 Datasheet
33Kb / 1P
   Broadband Access Transformer
LAL2104-50 LINKCOM-LAL2104-50 Datasheet
39Kb / 1P
   Broadband Access Transformer
LAL2014-52 LINKCOM-LAL2014-52 Datasheet
40Kb / 1P
   Broadband Access Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com