Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTG051003FZO Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CTG051003FZO
Description  Chip Resistors - Tin / Gold Terminations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTG051003FZO Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CTG051003FZO Datasheet HTML 1Page - American Accurate Components, Inc. CTG051003FZO Datasheet HTML 2Page - American Accurate Components, Inc. CTG051003FZO Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
ELECTRICAL CHARACTERISTICS
Size
Power Rating
at 70
° (W)
Resistance Range
±% Tolerance
TCR (10-6/
°C)
Working
Voltage
Overload
Voltage
Operating
Temp Range
10.0 ~ 30.0
1
±100
0201
0.05
33.0 ~ 22.0K
0.5
±25
15V
30V
-55
°C ~ +125°C
10.0 ~ 46.4
0.1, 0.5, 1
±10, ±25, ±50
47.0 ~ 97.6
0.05, 0.1, 0.25, 0.5, 1
±10, ±25, ±50
100 ~ 2.94K
0.02, 0.05, 0.1, 0.25, 0.5, 1
±5, ±10, ±25, ±50
0402
0.031
0.063
3.00K ~ 100K
0.05, 0.1, 0.25, 0.5, 1
±10, ±25, ±50
50V
100V
-55
°C ~ +125°C
10.0 ~ 100K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1,2,3,5,10,25,50
-55
°C ~ +125°C
-55
°C ~ +155°C
102K ~ 270K
0.05, 0.1, 0.25, 0.5, 1
10, 25, 50
0603
0.063
0.100
274K ~ 360K
0.1, 0.25, 0.5, 1
10, 25, 50
75V
150V
-55
°C ~ +125°C
10.0 ~ 200K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
205K ~ 360K
0.05, 0.1, 0.25, 0.5
10, 25, 50
365K ~ 487K
0.05, 0.1, 0.25, 0.5
10, 25
0805
0.100
499K ~ 1.00M
0.1, 0.5
25
100V
200V
-55
°C ~ +125°C
5.01 ~ 560K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
1206
0.125
562K ~ 1.00M
0.05, 0.1, 0.25, 0.5
10, 25
150V
300V
-55
°C ~ +125°C
100 ~ 330K
0.1
±5, ±10
51.0 ~ 2.00M
0.1, 0.5
±25
1210
0.250
10.0 ~ 49.9
0.5
±50
200V
400V
-55
°C ~ +125°C
1217
0.250
5.10 ~ 1.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
200V
400V
-55
°C ~ +155°C
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±5
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±10
10.0 ~500K
0.01, 0.05
4.70 -1.00M
0.1, 0.25, 0.5, 1
±25
10.0 ~500K
0.01, 0.05
2010
0.250
1.00 ~ 1.00M
0.1, 0.25, 0.5, 1
±50
150V
300V
-55
°C ~ +125°C
2020
0.500
5.10 ~ 2.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
350V
700V
-55
°C ~ +155°C
2045
1.000
20.0 ~ 4.99M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
500V
1000V
-55
°C ~ +155°C
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±5
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±10
10.0R ~ 500K
0.01, 0.05
4.70 -1.00M
0.1, 0.25, 0.5, 1
±25
10.0R ~ 500K
0.01, 0.05
2512
0.500
1.00 1.00M
0.1, 0.25, 0.5, 1
±50
150V
300V
-55
°C ~ +125°C
* Rated Voltage: √PxR
** 0.01% may be available under special request


Similar Part No. - CTG051003FZO

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTG-11R SANKEN-CTG-11R Datasheet
753Kb / 5P
   Ultra Fast Recovery Diodes
CTG-11S SANKEN-CTG-11S Datasheet
753Kb / 5P
   Ultra Fast Recovery Diodes
CTG-12R SANKEN-CTG-12R Datasheet
753Kb / 5P
   Ultra Fast Recovery Diodes
CTG-12S SANKEN-CTG-12S Datasheet
753Kb / 5P
   Ultra Fast Recovery Diodes
CTG-14R SANKEN-CTG-14R Datasheet
753Kb / 5P
   Ultra Fast Recovery Diodes
More results

Similar Description - CTG051003FZO

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
   Gold and 100% matte tin terminations available
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
YAGEO Corporation
AR0402FR-071RL YAGEO-AR0402FR-071RL Datasheet
439Kb / 9P
   CHIP RESISTORS WITH NI/AU TERMINATIONS
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com