Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAL1222-51 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAL1222-51
Description  Broadband Access Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAL1222-51 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAL1222-51 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LAL1222-51
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and
250V working voltage
RoHS Compliant
Excellent THD performance
Operating Temperature -40°C to 85°C
Electrical Specifications @25℃
OCL:
PIN 8-5= 340uH ±10% @ 10KHz/0.1V/Ser.
Leakage
Inductance
PIN 8-5= 0.45uH Max.
@ 100KHz/0.1V
Interwinding
Capacitance
PIN 1-8= 45 pF Max.
@ 100KHz/0.1V
T.H.D
PIN 8-5 to PIN 1-4= -60dB Max. @ 30KHz/3.162V
PIN 1-4 = 310 mohm Max.
D.C.R
PIN 8-5 = 385 mohm Max.
Hi-POT
PRI. – SEC. =1500VAC/60Hz/2Seconds/1mA
Turn Ratio
PIN8-5 : PIN 1-4 = 1.5±2% :1
Dimensions (Units: mm)
Schematic
Mark
1.LAL****----LAL1222
2. X----PRODUCT LINE
3. DATE CODE----YYWW
4. G----RoHS
LAL****
LinkCom
X DATE CODE G
9.5±0.5
B
C
A
PIN1
0.7±0.2
F
2.5±0.5
E
7.4±0.5
9.0±1.0
D
2.5
SUGGESTED PAD LAYOUT
Form Ver. A


Similar Part No. - LAL1222-51

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL1220-52 LINKCOM-LAL1220-52 Datasheet
83Kb / 1P
   Broadband Access Transformer
LAL1221-51 LINKCOM-LAL1221-51 Datasheet
82Kb / 1P
   Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
   Broadband Access Transformer
More results

Similar Description - LAL1222-51

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
   Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
   Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
   Broadband Access Transformer
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL2014-50 LINKCOM-LAL2014-50 Datasheet
89Kb / 1P
   Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
   Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
   Broadband Access Transformer
LAL1243-50 LINKCOM-LAL1243-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL1142-50 LINKCOM-LAL1142-50 Datasheet
33Kb / 1P
   Broadband Access Transformer
LAL2104-50 LINKCOM-LAL2104-50 Datasheet
39Kb / 1P
   Broadband Access Transformer
LAL2014-52 LINKCOM-LAL2014-52 Datasheet
40Kb / 1P
   Broadband Access Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com