Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-1401TS Datasheet(PDF) 4 Page - PIC GmbH

Part # PMC-1401TS
Description  Standard-SMD-Reed Switch for automated assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1401TS Datasheet(HTML) 4 Page - PIC GmbH

  PMC-1401TS Datasheet HTML 1Page - PIC GmbH PMC-1401TS Datasheet HTML 2Page - PIC GmbH PMC-1401TS Datasheet HTML 3Page - PIC GmbH PMC-1401TS Datasheet HTML 4Page - PIC GmbH PMC-1401TS Datasheet HTML 5Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
page 4 of 5
pmc1401ts_e
Rev. 1.3 - 27.03.2007 (014)
© PIC GmbH, Nürnberg (GERMANY)
www.pic-gmbh.com
PMC-1401TS
Standard-SMD-Reed Switch for automated assembly
Mounting Force
Recommended PCB layout
Dimensions
solder pad
recommended mounting force Frec = 3 N
maximum mounting force Fmax = 8 N
F
position of contact blades
not defined
all dimensions in mm
1.5
18.4
0.3
max. 14.2
18.5
17 0.3


Similar Part No. - PMC-1401TS

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1401TS PIC-PMC-1401TS_14 Datasheet
304Kb / 2P
   Standard-SMD-Reedschalter
More results

Similar Description - PMC-1401TS

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1001TH PIC-PMC-1001TH Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TS PIC-PMC-1001TS Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001T PIC-PMC-1001T Datasheet
144Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001S PIC-PMC-1001S Datasheet
94Kb / 5P
   Standard Reed Switch for automated assembly
PMC-1401S PIC-PMC-1401S Datasheet
104Kb / 5P
   Standard Reed Switch for automated assembly
PMC-0701TS PIC-PMC-0701TS Datasheet
307Kb / 5P
   Micro-SMD-Reed Switch for automated assembly
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
   SMD-Form B-Reed Switch for automated assembly
PMC-0701S PIC-PMC-0701S Datasheet
103Kb / 5P
   Micro Reed Switch for automated assembly
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com