Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-1001TH2025 Datasheet(PDF) 3 Page - PIC GmbH

Part # PMC-1001TH2025
Description  Standard-SMD-Reed Switch for automated assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1001TH2025 Datasheet(HTML) 3 Page - PIC GmbH

  PMC-1001TH2025 Datasheet HTML 1Page - PIC GmbH PMC-1001TH2025 Datasheet HTML 2Page - PIC GmbH PMC-1001TH2025 Datasheet HTML 3Page - PIC GmbH PMC-1001TH2025 Datasheet HTML 4Page - PIC GmbH PMC-1001TH2025 Datasheet HTML 5Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
page 3 of 5
Rev. 1.3, 19.01.2009, (014)
© PIC GmbH, Nürnberg (GERMANY)
www.pic-gmbh.com
PMC-1001TH
Standard-SMD-Reed Switch for automated assembly
Diagrams
Breakdown Voltage
0
50
100
150
200
250
300
0
5
10
15
20
25
30
Pull In (AT)
Drop Out vs. Pull In
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Pull In (AT)
Insulation Resistance
(@100 VDC)
0.1
1
5
10
40
99.9
10
9
Insulation Resistance ( )
50
20
30
60
80
95
70
90
99
10
10
10
11
10
12
Contact Resistance
0.1
1
5
10
40
99.9
40
Contact Resistance (m )
60
80
100
50
20
30
60
80
95
70
90
99


Similar Part No. - PMC-1001TH2025

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1001THL PIC-PMC-1001THL Datasheet
178Kb / 2P
   Minimum height above PCB
PMC-1001THL PIC-PMC-1001THL_14 Datasheet
244Kb / 2P
   Standard-SMD-Reedschalter
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
   SMD-Form B-Reed Switch for automated assembly
PMC-1001THY PIC-PMC-1001THY_14 Datasheet
266Kb / 2P
   SMD-Form-B-Reedschalter
PMC-1001TH PIC-PMC-1001TH_14 Datasheet
84Kb / 2P
   Standard-SMD-Reedschalter
More results

Similar Description - PMC-1001TH2025

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1401TS PIC-PMC-1401TS Datasheet
287Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TS PIC-PMC-1001TS Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001T PIC-PMC-1001T Datasheet
144Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001S PIC-PMC-1001S Datasheet
94Kb / 5P
   Standard Reed Switch for automated assembly
PMC-1401S PIC-PMC-1401S Datasheet
104Kb / 5P
   Standard Reed Switch for automated assembly
PMC-0701TS PIC-PMC-0701TS Datasheet
307Kb / 5P
   Micro-SMD-Reed Switch for automated assembly
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
   SMD-Form B-Reed Switch for automated assembly
PMC-0701S PIC-PMC-0701S Datasheet
103Kb / 5P
   Micro Reed Switch for automated assembly
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com