Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM7527NDB-N Datasheet(PDF) 11 Page - ELM Technology Corporation

Part No. ELM7527NDB-N
Description  CMOS Small package voltage detector
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM7527NDB-N Datasheet(HTML) 11 Page - ELM Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
0.2
0.4
0.6
0.8
1.0
0.05
0.10
0.15
0.20
0
Vds (V)
Ioutn-Vds
Vdd=0.95V, Top=25°C
-40
-20
0
204060
80
0.0
0.1
0.2
0.3
Top (°C)
Ioutn-T op
Vdd=0.95V, Vds=0.4V
1.0
2.0
5.0
10.0
15.0
20.0
0
Vds (V)
Ioutn-Vds
Vdd=1.4V
Vdd=2.0V
Vdd=2.5V
Top=25°C
-40
-20
0
204060
80
0.0
2.0
4.0
6.0
8.0
10.0
Top (°C)
Ioutn-T op
Vds=0.4V
Vdd=1.4V
Vdd=2.0V
Vdd=2.5V
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
5.0
6.0
0
Vds (V)
Ioutp-Vds
Vdd=3V
Vdd=4.5V
Vdd=6.0V
Top=25°C
-40
-20
0
20
40
60
80
0.0
0.5
1.0
1.5
Top (°C)
Ioutp-T op
Vdd=3.0V
Vdd=4.5V
Vdd=6.0V
Vds=0.4V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn