Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM8718AA-S Datasheet(PDF) 11 Page - ELM Technology Corporation

Part No. ELM8718AA-S
Description  Low power consumption CMOS 300mA V/R
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM8718AA-S Datasheet(HTML) 11 Page - ELM Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
01
23456
2.4
2.6
2.8
3
3.2
3.4
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
3
3.5
4
4.5
5
5.5
6
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
0
200
400
600
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout(mA)
Vin=4.3V
Vin=3.8V
Vin=5.3V
Vin=6.0V
Vout-Iout
Top=25
0
30 60 90 120 150 180 210 240 270 300
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
Iout(mA)
Vdiff-Iout
Top=25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn