Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM77274B-S Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM77274B-S
Description  CMOS Dual voltage detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM77274B-S Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM77274B-S Datasheet HTML 3Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 4Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 5Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 6Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 7Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 8Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 9Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 10Page - ELM Technology Corporation ELM77274B-S Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
-40
-20
0
2040
6080
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
Top (°C)
Vdetn2 - T op
Vdetp
Vdetn
Vdetn2=2.2V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
Vdd (V)
Vout2 - Vdd
3VPullup 1M Ω
+25°C
+80°C
-30°C
Vdetn2=2.2V
-40
-20
0
2040
6080
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Top (°C)
Vdetn2 - T op
Vdetp
Vdetn
Vdetn2=2.4V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
Vdd (V)
Vout2 - Vdd
3VPullup 1M Ω
+25°C
+80°C
-30°C
Vdetn2=2.4V
-40
-20
0
2040
6080
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
Top (°C)
Vdetn2 - T op
Vdetp
Vdetn
Vdetn2=2.5V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
Vdd (V)
Vout2 - Vdd
3VPullup 1M Ω
+25°C
+80°C
-30°C
Vdetn2=2.5V
-40
-20
0
2040
6080
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
Top (°C)
Vdetn2 - T op
Vdetp
Vdetn
Vdetn2=2.7V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
Vdd (V)
Vout2 - Vdd
3VPullup 1M Ω
+25°C
+80°C
-30°C
Vdetn2=2.7V


Similar Part No. - ELM77274B-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM772709BC-N ELM-TECH-ELM772709BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772709BC-S ELM-TECH-ELM772709BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772711BC-N ELM-TECH-ELM772711BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772711BC-S ELM-TECH-ELM772711BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77274B-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com