Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTR18-1001BYM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CTR18-1001BYM
Description  THICK FILM PRECISION CHIP RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTR18-1001BYM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CTR18-1001BYM Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
THICK FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/04/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
HOW TO ORDER
CTR 10- 1001
D
Y
M
Packaging
M = 7” Reel
B = Bulk
TCR (ppm/°C)
Y = +50
Z = +100
Tolerance (%)
B = +0.1
D = +0.5
F = +1
EIA Resistance Value
Standard Decade Values
Size
05 = 0402
10 = 0805
14 = 1210
16 = 0603
18 = 1206
12 = 2010
01 = 2512
Series
CTR = Thick Film Precision
DIMENSIONS (mm)
Size
L
W
c
d
t
0402
1.00 + 0.05
0.5+0.1-0.05
0.20 + 0.10
0.25+0.05-0.10
0.35 + 0.05
0603
1.60 + 0.10
0.80 + 0.10
0.20 + 0.10
0.30+0.20-0.10
0.50 + 0.10
0805
2.00 + 0.15
1.25 + 0.15
0.40 + 0.25
0.30+0.20-0.10
0.50 + 0.15
1206
3.20 + 0.15
1.60 + 0.15
0.45 + 0.25
0.40+0.20-0.10
0.60 + 0.15
1210
3.20 + 0.20
2.60 + 0.20
0.50 + 0.30
0.40+0.20-0.10
0.60 + 0.10
2010
5.00 + 0.20
2.50 + 0.20
0.50 + 0.30
0.40+0.20-0.10
0.60 + 0.10
2512
6.30 + 0.20
3.10 + 0.20
0.50 + 0.30
0.40+0.20-0.10
0.60 + 0.15
CONSTRUCTION
DERATING CURVE
For resistors operated at ambient temperature over 70°, power rating
shall be derated in accordance with figure 1.
Figure 1. The rated
voltage is calculated by
the following formula:
E= √P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
ELECTRICAL SPECIFICATIONS for CHIP RESISTORS
Size
Power Rating
at 70
° (W)
Resistance Range
±% Tolerance
TCR (ppm/
°C)
Working
Voltage
Overload
Voltage
Operating Temp.
Range
10.0 ~ 97.6
0.5, 1.0
±100
100 ~ 976
0.5, 1.0
±50
0402
1/16 W
100K ~ 1.0M
0.5, 1.0
±50, ±100
50V
100V
-55
°C ~ +125°C
56.0 ~ 560K
0.1
±100
10.0 ~ 1.0M
0.5
±100
0603
1/10 W
100 ~ 1.0M
0.5, 1.0
±50
50V
100V
-55
°C ~ +155°C
56.0 ~ 560K
0.1
±100
10.0 ~ 1.0M
0.5
±100
0805
1/8 W
100 ~ 1.0M
0.5, 1.0
±50
150V
200V
-55
°C ~ +155°C
56.0 ~ 560K
0.1
±100
10.0 ~ 1.0M
0.5
±100
1206
1/4 W
100 ~ 1.0M
0.5, 1.0
±50
200V
400V
-55
°C ~ +155°C
56.0 ~ 560K
0.1
±100
1210
1/3 W
10.0 ~ 1.0M
0.5
±100
200V
400V
-55
°C ~ +155°C
56.0 ~ 560K
0.1
±100
2010
1/2 W
10.0 ~ 1.0M
0.5
±100
200V
400V
-55
°C ~ +155°C
56.0 ~ 560K
0.1
±100
2512
1.0 W
10.0 ~ 1.0M
0.5
±100
200V
400V
-55
°C ~ +155°C
FEATURES
Excellent stability over a wide range of
environmental conditions
Operating temperature -55
°C ~ +125°C
Compact, thin, and light weight
High reliability with 3 layer electrode
construction.
Appl. Specifications: EIA 575, IEC 60115-1,
JIS 5201-1, and MIL-R-55342G
Either ISO 9001 or ISO/TS 16949:2002
Certified
Sn Termination
Material
Ceramic Substrate
Resistive Element
Conductor
Overcoat


Similar Part No. - CTR18-1001BYM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTR122 ETC2-CTR122 Datasheet
146Kb / 1P
   TNC RIGHT ANGLE PLUG FOR ECS CABLE 311201
logo
Radiometrix Ltd
CTR124-000-DIL RADIOMETRIX-CTR124-000-DIL Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
CTR124-000-SO RADIOMETRIX-CTR124-000-SO Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
CTR124-000-SS RADIOMETRIX-CTR124-000-SS Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
CTR124H-000-DIL RADIOMETRIX-CTR124H-000-DIL Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
More results

Similar Description - CTR18-1001BYM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com