Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV70WG Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part No. BAV70WG
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV70WG Datasheet(HTML) 3 Page - Zowie Technology Corporation

  BAV70WG Datasheet HTML 1Page - Zowie Technology Corporation BAV70WG Datasheet HTML 2Page - Zowie Technology Corporation BAV70WG Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIGURE 4. FORWARD CURRENT IF=f(Ts)
FIGURE 5. FORWARD CURRENT IF=f(VF)
Ta=25
OC
FIGURE 7. PERMISSIBLE PULSE LOAD
IFmax/IFDC=f(tp)
Zowie Technology Corporation
BAV70WG
Zowie Technology Corporation
01/2002
FIGURE 6. PERMISSIBLE PULSE LOAD
R JS=f(tp)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mA
300
0
0
0.5
1.0
V
1.5
50
100
mA
150
IF
F
V
max
typ
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn