Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C14N16N-D2A Datasheet(PDF) 1 Page - CUI INC

Part # C14N16N-D2A
Description  panel mount optical encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

C14N16N-D2A Datasheet(HTML) 1 Page - CUI INC

  C14N16N-D2A Datasheet HTML 1Page - CUI INC C14N16N-D2A Datasheet HTML 2Page - CUI INC C14N16N-D2A Datasheet HTML 3Page - CUI INC C14N16N-D2A Datasheet HTML 4Page - CUI INC C14N16N-D2A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
DESCRIPTION: panel mount optical encoder
1 of 5
09/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: C14
ELECTRICAL SPECIFICATIONS
supply voltage
5 V dc ±5%
supply current
20 mA max. (open collector)
output code
2-bit Quadature, Channel A leads Channel B by 90° with
clockwise rotation
power consumption
100 mW
angle of throw
22.5° for code change and 16 detent positions
11.25° for code change and 32 detent positions
MECHANICAL SPECIFICATIONS
operational torque
without detent
0.2 N·cm (20.4 gf·cm max.)
16 position w/detent
0.4 ±0.2 N·cm (40.8 ±20.4 gf·cm)
32 position w/detent
0.4 ±0.2 N·cm (40.8 ±20.4 gf·cm)
mounting torque
100 N·cm (10.2 kgf·cm)
shaft strength
radial
10 N (1.02 kgf)
thrust
15 N (1.53 kgf)
rotational life
1,000,000 cycles
weight (approx)
11 g
PUSH SWITCH SPECIFICATIONS
rated voltage
12 V dc, 50 mA
contact resistance
200 m
Ω max.
insulation resistance
100 m
Ω min.
voltage proof
250 V ac for 1 minute
operating force
4.5 ± 1 N (459 ±102 g·f)
travel
0.5 ±0.3 mm
bounce
10 msec.
life
1,000,000
ENVIRONMENTAL SPECIFICATIONS
operating temp. range
0° to +60° C
storage temp. range
-20 ~ 80°C
vibration
frequency range: 10 ~ 55 Hz, peak to peak amplitude: 1.5 mm
shock
50 G for 11 ms, half sine wave
cold proof
-20°C for 96 hours
heat proof
80°C for 96 hours
change to temp.
-10 ~ 70°C for 30 minutes each
humidity
90 ~ 95% for 96 hours at 40°C


Similar Part No. - C14N16N-D2A

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14N16N-D2A CUI-C14N16N-D2A Datasheet
412Kb / 5P
   panel mount optical encoder
C14N16N-D2A CUI-C14N16N-D2A Datasheet
543Kb / 7P
   PANEL MOUNT ENCODER
10/14/2020
logo
CUI Devices
C14N16N-D2A CUID-C14N16N-D2A Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
C14N16N-D2A3 CUID-C14N16N-D2A3 Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
More results

Similar Description - C14N16N-D2A

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
logo
CUI Devices
C14 CUID-C14 Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
logo
CUI INC
C14 CUI-C14_V01 Datasheet
543Kb / 7P
   PANEL MOUNT ENCODER
10/14/2020
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
C&K Components
ENC CK-COMPONENTS-ENC Datasheet
398Kb / 4P
   Optical Encoder
13 Sep 22
logo
Lin Eng. Inc.
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
   OPTICAL ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com