Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTNS8D-C-1003ATPNM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CTNS8D-C-1003ATPNM
Description  Ultra Precision Resistor Arrays & Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTNS8D-C-1003ATPNM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CTNS8D-C-1003ATPNM Datasheet HTML 1Page - American Accurate Components, Inc. CTNS8D-C-1003ATPNM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
CTN Series – Ultra Precision Resistor Arrays & Networks
The content of this specification may change without notification 12/13/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
CTN
1A - C- 1003
P B A M M
Packaging
M = Tape/Reel
Tracking TCR
L = 1
M = 2
N = 3
P = 5
Q = 10
Absolute TCR
P =
±5
Q =
±10
X =
±25
Ratio Tolerance
T = 0.01
Q = 0.02
A = 0.05
B = 0.1
C = 0.25
D = 0.5
Absolute Tolerance (%)
A =
±0.05
B =
±0.1
C =
±0.25
D =
±0.5
F =
±1
Resistance Value
3 sig. fig & 1 multiplier +1%
Circuit Layout
Refer to Specification
Model (Refer to Spec)
1A
1D
2D
6D
S6D
8D
S8D
M16D
16D
Series
High Precision Resistor Array & Networks
ELECTRICAL CHARACTERISTICS
Resistance Range (
Ω) by Circuit Configuration
Model
Total Rated
Power
B
2B
C
CTN1A
0.125 W
10 ~ 50K
10.0 ~ 100K
CTN1D
0.125 W
10 ~ 50K
10.0 ~ 100K
CTN2D
0.100 W
10 ~ 25K
10.0 ~ 50.0K
CTN6D
0.250 W
10.0 ~ 100K
10.0 ~ 100K
CTNS6D
0.150 W
10.0 ~ 10.0K
10.0 ~ 50.0K
CTN8D
0.500 W
CTN8U
0.500 W
10.0 ~ 200K
(1.00M ~ Total)
CTNS8D
0.125 W
10.0 ~ 50.0K
CTNM16D
1.00 W
2.00M Total
CTNM16U
1.00 W
2.00M Total
CTN16D
1.50 W
10.0M Total
CTN16U
1.50 W
10.0M Total
CIRCUIT LAYOUT
CTN1A, CTN1D, CTN2D
CTNS6D, CTN6D
CTNS8D, CTN8D, CTN8U
CTNM16D, CTNM16U, CTN16D, CTN16U
B
C
2B
C
C
C
FEATURES
AAC thin film network resistors ensure stable high
performance as indicated by the excellent ratio T.C.R
as between elements 1pp/°C or less and absolute
T.C.R as 5 pp/°C. The absolute tolerance as 0.5%.
"U-type" electrodes offering excellent durability,
ensuring superb durability for soldering flow, re-flow
soldering, or dip soldering, and is also very beneficial
for the durability of wire bonding
A perfect solution to replace the network resistor of
SOP, SIP or DIP types.
Lead Free and RoHs Compliant
Custom designed circuits are available upon
special request
APPLICATIONS
Medical Instrument
Test Equipment For Semiconductor
Precision Measuring Equipment
Electric Components For Automotive
CONSTRUCTION
U-Shaped Product
with Electrode Structure
Processed product with grooves
1. Epoxy Protective Film
2. Ni-Cr Resistive Element
3. Cu Electrode
4. Ni Plating and Tin Plating
5. High Purity Alumina
Substrate


Similar Part No. - CTNS8D-C-1003ATPNM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTNS-4306S SANKEN-CTNS-4306S Datasheet
264Kb / 7P
   Fast Recovery and High Power Diode
CTNS-4603S SANKEN-CTNS-4603S Datasheet
504Kb / 7P
   Low VF and High Power Diode
CTNS-4606S SANKEN-CTNS-4606S Datasheet
438Kb / 7P
   Fast Recovery and High Power Diode
CTNS-6306S SANKEN-CTNS-6306S Datasheet
440Kb / 7P
   Fast Recovery and High Power Diode
CTNS-6603S SANKEN-CTNS-6603S Datasheet
529Kb / 7P
   Fast Recovery and High Power Diode
More results

Similar Description - CTNS8D-C-1003ATPNM

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
American Accurate Compo...
CRN168SU103JAM AAC-CRN168SU103JAM_17 Datasheet
1Mb / 5P
   Resistor Arrays & Networks
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
   TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
   Chip Resistor Arrays/Networks
NRSNA4I4J102TRF NIC-NRSNA4I4J102TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com