Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT051003APM Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # CT051003APM
Description  Chip Resistors - Tin / Gold Terminations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CT051003APM Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  CT051003APM Datasheet HTML 1Page - American Accurate Components, Inc. CT051003APM Datasheet HTML 2Page - American Accurate Components, Inc. CT051003APM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
American Accurate Components, Inc.
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
PERFORMANCE & ENVIRONMENTAL SPECIFICATIONS
Maximum
∆ Ω +0.05Ω (Tolerance)
Test Item
A
B, C
D, F
Condition
Short Time Overload
± 0.1%
± 0.1%
± 0.5%
2.5 times of the rated voltage shall be applied for 5 seconds
Load Life
± 0.1%
± 0.25%
± 0.5%
The resistor shall be subjected to rated voltage for 90 min. followed by a pause of
30 min. at a temperature of 70±3ºC. This constitutes 1 cycle. Cycles shall be
repeated for 1000 hours.
Moisture Load Life
± 0.1%
± 0.25%
± 0.5%
The resistor subjected to rated voltage for 90 min followed by a pause for 30 min
at a temperature of 60±2ºC with relative humidity of 90% to 95%. This constitutes
1 cycles. Cycles shall be repeated for 1000 hours.
Temperature Cycle
± 0.1%
± 0.1%
± 0.5%
[-55ºC 30 min
→ +125ºC 30 min → R.T. 3 min] The resistor shall be subjected to
5 continuous cycles
Resistance to Solder Heat
± 0.05%
± 0.1%
± 0.5%
The resistor shall withstand dipped into solder for 10±1 sec. At 260±5ºC
Terminal Strength
± 0.1%
± 0.1%
± 0.5%
Distance between fulcrums: 90mm; Bending width: 3 mm
Solderability
A new uniform coating of solder
shall cover minimum of 95% of
surface being immersed
The resistor shall be dipped into the solder of 235±5ºC for 3±0.5 seconds
Insulation Resistance
DC 500V for 1 minute
1000 Meg
Ω or over
VALUE MARKING
For those parts ordered with an E-24 value, the product will be
marked with a 3 digit code. For those products ordered with an
E-96 value, the product will be marked with a 4 digit code. For
those parts which fall under E-96 and E-24 values (e.g. 1K ohm
is both an E-96 and E-24 value), the part will be marked with a 3
digit code; 4 digit markings for this type is available upon special
request.
0201, and 0402 Size
No marking
E-24 & E-96 Values
Custom Value Any Size
0603 Size
EIA 96 Digit Code of 3.32K ohm
E-96 Values
0603 ~ 2512 Sizes
EIA 3 Digit Code of 10K ohm resistor
E-24 Values, E-96 Values
0805 ~ 2512 Sizes
EIA 4 Digit Code of 121K ohm resistor
E-96 Values
LABEL DESCRIPTION
One side surface of a reel is marked with a label with the
following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot number for production month/year*
6.
Manufacturer’s name or symbol
* The suffix “L” indicates that this item is lead free. As of September 2004, all new
production items of the series CR and CJ are no longer containing tin/lead (SnPb)
terminals; they are lead free and in compliance with Lead Free/RoHS.
PACKAGE QUANTITY
Type
0201
0402
0603
0805
1206
M
5,000
10,000
5,000
5,000
5,000
O
1,000
1,000
1,000
1,000
1,000
Type
1210
1217
2010
2020
2045
2512
B
5,000
2,000
4,000
2,000
3,000
4,000
O
1,000
1,000
1,000
1,000
1,000
1,000
REEL SCHEMATIC & DIMENSIONS (mm)
O & M Type
M Type
7” Reel
13” Reel
C
∅13± 0.2
∅13±0.2
E
60
±0.5
100
±0.2
F
11.4
±1.0
13.5
±1.0
G
9.0
±0.3
9.5
±0.5
H
1.5
±0.3
2.0
±0.5
M
∅180±2.0
∅330±2.0
Reel size is dependent upon the package
quantity& resistor size. Call for more info.
TAPE SCHEMATIC
TAPE DIMENSIONS (mm)
0201
0402
0603
0805
1206
A
0.41
±0.1
0.65
±0.1
1.1
±0.2
1.65
±0.2
2.0
±0.15
B
0.71
±0.1
1.15
±0.1
1.9
±0.2
2.4
±0.2
3.6
±0.15
W
8.0
±0.2
8.0
±0.2
8.0
±0.2
8.0
±0.2
8.0
±0.2
E
1.75
±0.10
1.75
±0.10
1.75
±0.1
1.75
±0.1
1.75
±0.1
F
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
P1
2.0
±0.05
2.0
±0.05
4.0
±0.1
4.0
±0.1
4.0
±0.1
T
0.5max
0.55
±0.1
0.70
±0.1
0.90
±0.1
0.90
±0.1
Tp
0.4+0.05
0.40
±0.05
0.60
±0.1
0.75
±0.1
0.75
±0.1
1210
1217
2010
2020
2045
2512
A
2.9
±0.1
3.5
±0.1
2.9
±0.1
5.5
±0.1
5.4
±0.1
2.9
±0.1
B
3.5
±0.1
4.9
±0.1
5.3
±0.1
5.5
±0.1
11.9
±0.1
5.3
±0.1
W
8.0
±0.2
12.0
±0.2
12.0
±0.2
12.0
±0.2
24.0
±0.2
12.0
±0.2
E
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
F
3.5
±0.05
5.5
±0.1
5.5
±0.1
5.5
±0.1
11.5
±0.1
5.5
±0.05
P1
4.0
±0.1
8.0
±0.1
4.0
±0.1
8.0
±0.1
8.0
±0.1
4.0
±0.1
T
0.90
±0.1
0.90
±0.1
1.0
±0.1
1.0
±0.1
1.0
±0.1
1.0
±0.1
Tp
0.75
±0.1
0.25
±0.1
0.25
±0.1
Call to find out if the tape material is paper or plastic
51B
1213
103


Similar Part No. - CT051003APM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT051003APM AAC-CT051003APM Datasheet
700Kb / 3P
   Thin Film Precision Chip Resistors
More results

Similar Description - CT051003APM

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
   Gold and 100% matte tin terminations available
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
YAGEO Corporation
AR0402FR-071RL YAGEO-AR0402FR-071RL Datasheet
439Kb / 9P
   CHIP RESISTORS WITH NI/AU TERMINATIONS
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com