Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRN312SU103FBM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRN312SU103FBM
Description  Thick Film Chip Resistor Arrays & Networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN312SU103FBM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRN312SU103FBM Datasheet HTML 1Page - American Accurate Components, Inc. CRN312SU103FBM Datasheet HTML 2Page - American Accurate Components, Inc. CRN312SU103FBM Datasheet HTML 3Page - American Accurate Components, Inc. CRN312SU103FBM Datasheet HTML 4Page - American Accurate Components, Inc. CRN312SU103FBM Datasheet HTML 5Page - American Accurate Components, Inc. CRN312SU103FBM Datasheet HTML 6Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
American Accurate Components, Inc.
CRN Series Thick Film Chip Resistor Arrays & Networks
The content of this specification may change without notification 08/24/07
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
CRN16
8
SL
103
J
A
M
Packaging
M = 7” Reel V = 13” Reel
Terminal Style
A = Convex Round
B = Concave
C = Convex Square
Resistance Tolerance
J = +5%, F = +1%
Resistance Value
2 sig. fig & 1 multiplier +5%
3 sig. fig & 1 multiplier +1%
Circuit Type/Pattern
Refer to Circuit Schematic
V , SU, SL, or SC
Resistors
2, 4, 8, 15
Series
CRN06 = 0.6mm Width
CRN10 = 1.0mm
CRN16 = 1.6mm
CRN21 = 2.1mm
CRN31 = 3.1mm
CRN76 = 7.6mm
ELECTRICAL SPECIFICATIONS SMALL/STANDARD SIZE
Voltage
Series
Resistor/Pin
Circuit
Terminal
Resistance
(ohm)
Tolerance
Power
Rating*
Working
Overload
Operating
Temperature
CRN06-2V
2
4
Isolated
C
10- 1M
±5%
0.031W
25V
50V
-55
°C ~ +125°C
CRN10-2V
2
4
Isolated
C
10- 1M
±5%
0.063W
25V
50V
-55
°C ~ +125°C
CRN10-4V
4
8
Isolated
B, C
10- 1M
±1%, ±5%
0.063W
25V
50V
-55
°C ~ +125°C
CRN16-2V
2
4
Isolated
B, C
0, 10- 1M
±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN16-4V
4
8
Isolated
A, B, C
0, 10- 1M
±1%, ±2%, ±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN16-8V
8
16
Isolated
C
0, 10- 1M
±1%, ±5%
0.031W
25V
50V
-55
°C ~ +125°C
CRN16-8SU
8
10
Bussed
C
0, 10- 1M
±5%
0.031W
25V
50V
-55
°C ~ +125°C
CRN21-8SC
8
10
Bussed
B
0, 10- 1M
±5%
0.063W
25V
50V
-55
°C ~ +125°C
* Power rating is @ 70
°C
ELECTRICAL SPECIFICATIONS STANDARD/LARGE SIZE
CRN31-4V
4
8
Isolated
A, B, C
0, 10- 1M
±1%, ±2%, ±5%
0.125W
50V
100V
-55
°C ~ +125°C
CRN31-8SL
8
10
Bussed
B, C
0, 10- 1M
±1%, ±2%, ±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN31-8SU
8
10
Bussed
B, C
0, 10- 1M
±1%, ±2%, ±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN31-8V
8
16
Isolated
A
0, 10- 1M
±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN31-15SU
15
16
Bussed
A
0, 10- 1M
±5%
0.063W
50V
100V
-55
°C ~ +125°C
CRN76-8V
8
16
Isolated
A
0, 10- 1M
±5%
0.125W
50V
100V
-55
°C ~ +125°C
CRN76-15SU
15
16
Bussed
A
0, 10- 1M
±5%
0.063W
50V
100V
-55
°C ~ +125°C
* Power rating is @ 70
°C
FEATURES
Single Component reduces board space and
component count
Resistance Tolerances of +5%, +2%, and +1%
Convex and Concave Termination
Isolated and Bussed Circuitry
Flow Solderable
ISO/TS 16949:2002 Certified
Applicable Specifications: EIA575 and JISC5202
Lead Free and RoHS Compliant
CONSTRUCTION


Similar Part No. - CRN312SU103FBM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN312SU103FBM AAC-CRN312SU103FBM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
More results

Similar Description - CRN312SU103FBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com