Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6802 Datasheet(PDF) 1 Page - Pomona Electronics

Part No. 6802
Description  F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POMONA [Pomona Electronics]
Homepage  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6802 Datasheet(HTML) 1 Page - Pomona Electronics

  6802 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 6800, 6801, 6802, 6803
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
Model 6800, F (M/F) Right angle adapter
Model 6801 F (M/F) In-Line adapter
Model 6802 F (F/F) Bulkhead adapter
Model 6803 F Straight PCB mount connector
Features
True 75 Ω BNC adapters.
Gold-plated (15 micro–inches) contacts.
BNC insulation material is PTFE (not delrin).
Materials
Body is made of machined brass with tarnish
resistant nickel-plating.
Body made from precision machined high quality
brass (not die cast).
Male center contacts are gold-plated brass.
Female contacts are gold-plated beryllium copper.
Polypropylene insulators.
Ordering Information
Model: 6800, 6801, 6802, 6803
Specifications
Nominal impedance
75 Ω
Frequency
1.5 GHz
VSWR
1.50 max.
Connector body resistance
5.0 mΩ
Number of insertions
500
Dielectric withstand voltage
500 Vrms
Ratings: Voltage: 500 Vrms
Operating temperature: -40 ˚F to +131 ˚F (-40 ˚C to
+65 ˚C) Max.
Copyright © 2004 11/2004 2416457 D-ENG-N Rev A Page 1 of 1
USA:
Sales: 800-490-2361 Technical Support: 800-241-
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn