Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6869-180 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6869-180
Description  XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6869-180 Datasheet(HTML) 1 Page - Pomona Electronics

  6869-180 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 6869-180, 6869-300
XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
Model 6869-180*, -300*: XLR Plug/Jack Cable 15 feet, 25 feet
*Length of cable only.
Connect your audio applications
Features
Audio cable includes 3-pin male and female
connectors.
Black streamlined profile with compact shell.
Rugged construction.
Flexible and soft low-noise cable.
Materials
XLR connector bodies are die-cast zinc alloy with
tarnish resistant black-nickel finish.
USA: Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Strain relief clamp designed for durability: POM
(Polyoxymethylene).
Contacts are gold-plated brass.
Cable is made of soft PVC low-noise microphone
cable.
Ordering Information
Model: 6869-180, 6869-300
Specifications
Cable Type
Soft PVC low noise
microphone cable.
Cable Lengths
6869-180:180 in (15
ft or 4.572 meters)
6869-300: 300 in (25
ft or 7.62 meters)
Cable O.D.
6.0 mm (0.24 in)
2060
Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 11/2004 2416787 D-ENG-N Rev A
Page 1 of 1


Similar Part No. - 6869-180

ManufacturerPart #DatasheetDescription
logo
FCI connector
68690-XYY FCI-CONNECTOR-68690-XYY Datasheet
659Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
68690-XYY FCI-CONNECTOR-68690-XYY Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
68690-XYY FCI-CONNECTOR-68690-XYY Datasheet
679Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
68691-444HLF FCI-CONNECTOR-68691-444HLF Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
68691-810HLF FCI-CONNECTOR-68691-810HLF Datasheet
684Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
More results

Similar Description - 6869-180

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2216 TENSILITY-CA-2216 Datasheet
112Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 3 feet, 18 AWG, zip cord
logo
List of Unclassifed Man...
SFF-028 ETC2-SFF-028 Datasheet
161Kb / 1P
   SOFT FAST FEET
logo
Tensility International...
CA-2217 TENSILITY-CA-2217 Datasheet
115Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 3 feet, 24 AWG zip cord
CA-2215 TENSILITY-CA-2215 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to P6 plug, 3 feet, 18 AWG, zip cord
logo
Assmann Electronics Inc...
AWG28-25F300 ASSMANN-AWG28-25F300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 25 Conductors, 1.27MM Pitch, 300 Feet-13 Reel, Multicolor
logo
SHENZHEN KOO CHIN ELECT...
O504DC KOOCHIN-O504DC Datasheet
944Kb / 1P
   5MM long feet orange
logo
IOGEAR
G2LVGAE050 IOGEAR-G2LVGAE050 Datasheet
121Kb / 2P
   Ultra-Hi-Grade VGA Extension Cable 50 feet
G2LVGAE006 IOGEAR-G2LVGAE006 Datasheet
122Kb / 2P
   Ultra-Hi-Grade VGA Extension Cable 6 feet
logo
Tensility International...
CA-2220 TENSILITY-CA-2220 Datasheet
116Kb / 2P
   Extension cable, 3.5x1.3 mm dc jack to right angle P7, 3 feet, 24 AWG, zip cord
CA-2210 TENSILITY-CA-2210 Datasheet
116Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 6 feet, 18 AWG, zip cord
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com