Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5125A Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5125A
Description  5-Pin XLR (F), Bronze Contacts, Nickel Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5125A Datasheet(HTML) 1 Page - Pomona Electronics

  5125A Datasheet HTML 1Page - Pomona Electronics 5125A Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Models 5125A
5-Pin XLR (F), Bronze Contacts, Nickel Shell
Model 5125A 5-Pin XLR (F), Bronze Contacts, Nickel Shell
Use in audio applications.
Features
Five pin XLR.
Handles 18 AWG (2.0 mm
2 max.) cable.
Black and silver streamlined profile with compact
shell.
Time saving assembly (3 parts).
No set screws. Solderable.
Materials
Body is die-cast zinc alloy with tarnish resistant
nickel finish.
USA:
Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Contacts are tin-plated bronze.
Strain relief clamp designed for durability: POM
(Polyoxymethylene)
Ordering Information
Model: 5125A
Specifications
Number of contacts
5
Contact resistance
< 3 mΩ
Dielectric strength
1500 V dc
AWG
18 AWG / 2.0 mm
2
max.
Pull strength
45 lbs. typical
Cable O.D. range
3.0 mm – 6.5 mm
(0.118” to 0.255”)
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 1/2004
2415805 D-ENG-N Rev A
Page 1 of 2


Similar Part No. - 5125A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5125 ETC2-5125 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Keystone Electronics Co...
5125 KEYSTONE-5125 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Molex Electronics Ltd.
51251005 MOLEX1-51251005 Datasheet
70Kb / 1P
   .075 PITCH LFH INSERT - MOLDED TERMINAL STRIP 24 CKT. MALE (SALES DWG)
51251040 MOLEX1-51251040 Datasheet
212Kb / 2P
   .050 PITCH LFH 160 CKT. RIGHT ANGLE I/O MALE SALES ASSEMBLY
logo
Alpha Wire
5125C ALPHAWIRE-5125C Datasheet
80Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - 5125A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5126A POMONA-5126A Datasheet
186Kb / 2P
   5-Pin XLR (M), Bronze Contacts, Nickel Shell
6852 POMONA-6852 Datasheet
229Kb / 2P
   3-Pin XLR (F), Gold Contacts, Black Nickel Shell
6853 POMONA-6853 Datasheet
219Kb / 2P
   3-Pin XLR (M), Gold Contacts, Black Nickel Shell
6850 POMONA-6850 Datasheet
198Kb / 2P
   3-Pin XLR (F), Gold Contacts, Black Nickel Plating
7283 POMONA-7283 Datasheet
123Kb / 1P
   3-Pin In-Line XLR, Silver Contacts, Nickel Finish
6851 POMONA-6851 Datasheet
196Kb / 2P
   3-Pin XLR (M), Gold Contacts, Black Nickel Plating
6854 POMONA-6854 Datasheet
131Kb / 1P
   XLR (F) 5-pin Rectangular Flanged Panel Mount
6856 POMONA-6856 Datasheet
121Kb / 1P
   XLR (F/F), XLR (M/M)
logo
Neutrik AG
NP2X NEUTRIK-NP2X Datasheet
61Kb / 3P
   1/4" professional phone plug, 2 pole, nickel contacts, nickel shell
NP3X NEUTRIK-NP3X Datasheet
62Kb / 3P
   3 pole 1/4" professional phone plug, nickel contacts, nickel shell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com