Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903VN Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM2903VN
Description  SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2903VN Datasheet(HTML) 1 Page - Motorola, Inc

  LM2903VN Datasheet HTML 1Page - Motorola, Inc LM2903VN Datasheet HTML 2Page - Motorola, Inc LM2903VN Datasheet HTML 3Page - Motorola, Inc LM2903VN Datasheet HTML 4Page - Motorola, Inc LM2903VN Datasheet HTML 5Page - Motorola, Inc LM2903VN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
LM393, LM393A,
LM293, LM2903,
LM2903V
SEMICONDUCTOR
TECHNICAL DATA
SINGLE SUPPLY, LOW POWER
DUAL COMPARATORS
ORDERING INFORMATION
LM293D
LM393D
TA = –25° to +85°C
TA = 0° to +70°C
SO–8
Plastic DIP
PIN CONNECTIONS
Order this document by LM393/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
1
8
8
(Top View)
Gnd
Inputs A
Inputs B
Output B
Output A
VCC
+
+
1
2
3
4
8
7
6
5
LM393AN,N
LM2903D
LM2903N
TA = –40° to +105°C
SO–8
Plastic DIP
SO–8
LM2903VD
LM2903VN
TA = –40° to +105°C
SO–8
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
Low Offset Voltage
Dual Comparators
The LM393 series are dual independent precision voltage comparators
capable of single or split supply operation. These devices are designed to
permit a common mode range–to–ground level with single supply operation.
Input offset voltage specifications as low as 2.0 mV make this device an
excellent selection for many applications in consumer automotive, and
industrial electronics.
Wide Single–Supply Range: 2.0 Vdc to 36 Vdc
Split–Supply Range: ±1.0 Vdc to ±18 Vdc
Very Low Current Drain Independent of Supply Voltage: 0.4 mA
Low Input Bias Current: 25 nA
Low Input Offset Current: 5.0 nA
Low Input Offset Voltage: 2.0 mV (max) LM393A
5.0 mV (max) LM293/393
Input Common Mode Range to Ground Level
Differential Input Voltage Range Equal to Power Supply Voltage
Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS Logic
Levels
ESD Clamps on the Inputs Increase the Ruggedness of the Device
without Affecting Performance
Representative Schematic Diagram
(Diagram shown is for 1 comparator)
VCC
+ Input
– Input
Output
Q3
R4
Q4
Q5
R2
Q6
Q14
Q16
Q15
Q12
Q11
Q10
Q9
Q8
Q2
Q1
F1
2.0 k
2.1 k
R1
4.6 k
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM2903VN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2903VN ONSEMI-LM2903VN Datasheet
115Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM2903VN ONSEMI-LM2903VN Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM2903VNG ONSEMI-LM2903VNG Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM2903VNG ONSEMI-LM2903VNG Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM2903VNG ONSEMI-LM2903VNG Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results

Similar Description - LM2903VN

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com