Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM100HB-11005S-UZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM100HB-11005S-UZ
Description  100 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM100HB-11005S-UZ Datasheet(HTML) 2 Page - AIMTEC

  AM100HB-11005S-UZ Datasheet HTML 1Page - AIMTEC AM100HB-11005S-UZ Datasheet HTML 2Page - AIMTEC AM100HB-11005S-UZ Datasheet HTML 3Page - AIMTEC AM100HB-11005S-UZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM100HB-UZ
100 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.D
2 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Total remote sense compensation
0.5
V
Line voltage regulation
±0.2
% of Vin
Load voltage regulation
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
1
% of Vout
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Efficiency
At full load
88-90
%
Soldering Temperature
Wave solder <10s
250
oC
Hand Soldering time
Iron Temperature: 425
oC
5
sec
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max case temperature
100
oC
Cooling
See derating graph
Humidity
10 to 90
%
Weight
Without heatsink
75
g
Dimensions (L x W x H)
2.28 x 2.40 x 0.50 inches
57.90 x 61.00 x 12.70 mm
MTBF
>1,500,000 hrs (Bellcore TR332, t=+25
oC)
Safety Specifications
Standards
Safety
Meets EN60950
Pin Out Specifications
Dimensions
Pin
Single
1
-V Input
2
Case
3
On/Off Control
4
+V Input
5
+V Output
6
+Sense
7
Trim
8
-Sense
9
-V Output
10
Omitted


Similar Part No. - AM100HB-11005S-UZ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Transys Electronics
AM100 TRSYS-AM100 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM100 COMCHIP-AM100 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Power-One
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

Similar Description - AM100HB-11005S-UZ

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM150HB-UZ AIMTEC-AM150HB-UZ Datasheet
425Kb / 4P
   150 Watt | Half Brick DC-DC Converter
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com