Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJG18-1003GB Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CJG18-1003GB
Description  THICK FILM CHIP RESISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CJG18-1003GB Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CJG18-1003GB Datasheet HTML 1Page - American Accurate Components, Inc. CJG18-1003GB Datasheet HTML 2Page - American Accurate Components, Inc. CJG18-1003GB Datasheet HTML 3Page - American Accurate Components, Inc. CJG18-1003GB Datasheet HTML 4Page - American Accurate Components, Inc. CJG18-1003GB Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
American Accurate Components, Inc.
THICK FILM CHIP RESISTORS
The content of this specification may change without notification 10/04/07
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
2
Size
0603
0805
1206
1210
Power Rating (EIA 575)
0.100 (1/10) W
0.125 (1/8) W
0.250 (1/4) W
0.33 (1/3) W
Working Voltage*
50V
100V
200V
200V
Overload Voltage
100V
200V
400V
400V
Tolerance (%)
±1
±2
±5
±1
±2
±5
±1
±2
±5
±1
±2
±5
EIA Values
E-96
E-24
E-96
E-24
E-96
E-24
E-96
E-24
Resistance
10 ~ 1 M
1.0~9.1,
10~10M
10 ~ 1 M
1.0~9.1,
10~10M
10 ~ 1 M
1.0~9.1,
10~10M
10 ~ 1 M
1.0~9.1,
10~10M
TCR (ppm/
°C)
±100
±400, ±200
±100
±400, ±200
±100
±400, ±200
±100
±400, ±200
Operating Temp.
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
Size
2010
2512
2512-P
Power Rating (EIA 575)
0.500 (1/2) W
1.0 W
2.0 W
Working Voltage*
200V
200V
200V
Overload Voltage
400V
400V
400V
Tolerance (%)
±1
±2
±5
±1
±2
±5
±1
±2
±5
EIA Values
E-96
E-24
E-96
E-24
E-96
E-24
Resistance
10 ~ 1 M
1.0~9.1, 10~10M
10 ~ 1 M
1.0~9.1, 10~10M
1.0 ~ 1.0M
1.0 ~ 1.0M
TCR (ppm/
°C)
±100
±400, ±200
±100
±400, ±200
±100
±100
Operating Temp.
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +155°C
* Rated Voltage:
PxR
ELECTRICAL SPECIFICATIONS for ZERO OHM JUMPERS
Series
CJ20 (0201)
CJ05 (0402)
CJ06 (0603)
CJ10 (0805)
CJ18 (1206)
CJ14 (1210)
CJ12 (2010)
CJ01 (2512)
Rated Current
0.5A (70°C)
1A (70°C)
1A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
Resistance (Max)
50 m
50 m
50 m
50 m
50 m
50 m
50 m
50 m
Max. Overload Current
1A
2.5A
2.5A
5A
5A
5A
5A
5A
Working Temp.
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
* Rated Voltage:
PxR
DERATING CURVE
For resistors operated at ambient temperature over 70°, power rating shall be derated in accordance with figure 1.
Figure 1
The rated voltage is calculated by the following formula:
E= P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)


Similar Description - CJG18-1003GB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com