Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-C314RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-C314RD
Description  7.62mm(0.30) high single digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-C314RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BS-C314RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-C314RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-C314RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
C3
31
14
4R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
0
1.0
2.0
3.0
0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
560
0
0.5
1.0
590
620
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
0
20
10
30
40
80
60
20
40
0.5
50
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
650
680
Intensity VS.
710
740


Similar Part No. - BS-C314RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-C314RD ETC-BS-C314RD Datasheet
199Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-C314RD-A ETC-BS-C314RD-A Datasheet
199Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-C314RD-B ETC-BS-C314RD-B Datasheet
199Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-C314RD-B YSTONE-BS-C314RD-B Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BS-C314RD-B BRIGHT-BS-C314RD-B Datasheet
228Kb / 3P
   7.62mm(0.3) high single digit seven segments display.
More results

Similar Description - BS-C314RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A304RD-A BRIGHT-BS-A304RD-A Datasheet
166Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-C316RD BRIGHT-BS-C316RD Datasheet
141Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-C312RD BRIGHT-BS-C312RD Datasheet
143Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-A31DRD-B BRIGHT-BS-A31DRD-B Datasheet
162Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-A306RD BRIGHT-BS-A306RD Datasheet
155Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-C315RE BRIGHT-BS-C315RE Datasheet
149Kb / 3P
   7.62mm(0.30) high single digit seven segments display.
BS-A304RD BRIGHT-BS-A304RD Datasheet
156Kb / 3P
   7.62mm(0.30) high single digit seven segments display.
BS-A305RD-A BRIGHT-BS-A305RD-A Datasheet
156Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-C335RD BRIGHT-BS-C335RD Datasheet
156Kb / 3P
   7.62mm(0.30) high single digit seven segments display
BS-C313RD BRIGHT-BS-C313RD Datasheet
143Kb / 3P
   7.62mm(0.30) high single digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com