Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA152AT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # M1MA152AT1
Description  SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M1MA152AT1 Datasheet(HTML) 4 Page - Motorola, Inc

  M1MA152AT1 Datasheet HTML 1Page - Motorola, Inc M1MA152AT1 Datasheet HTML 2Page - Motorola, Inc M1MA152AT1 Datasheet HTML 3Page - Motorola, Inc M1MA152AT1 Datasheet HTML 4Page - Motorola, Inc M1MA152AT1 Datasheet HTML 5Page - Motorola, Inc M1MA152AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M1MA151AT1 M1MA152AT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. A
solder stencil is required to screen the optimum amount of
solder paste onto the footprint. The stencil is made of brass
or stainless steel with a typical thickness of 0.008 inches.
The stencil opening size for the SC–59 package should be
the same as the pad size on the printed circuit board, i.e., a
1:1 registration.
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a
figure for belt speed. Taken together, these control settings
make up a heating “profile” for that particular circuit board.
On machines controlled by a computer, the computer
remembers these profiles from one operating session to the
next. Figure 1 shows a typical heating profile for use when
soldering a surface mount device to a printed circuit board.
This profile will vary among soldering systems but it is a good
starting point. Factors that can affect the profile include the
type of soldering system in use, density and types of
components on the board, type of solder used, and the type
of board or substrate material being used. This profile shows
temperature versus time. The line on the graph shows the
actual temperature that might be experienced on the surface
of a test board at or near a central solder joint. The two
profiles are based on a high density and a low density board.
The Vitronics SMD310 convection/infrared reflow soldering
system was used to generate this profile. The type of solder
used was 62/36/2 Tin Lead Silver with a melting point
between 177 –189
°C. When this type of furnace is used for
solder reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 1. Typical Solder Heating Profile


Similar Part No. - M1MA152AT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA152AT1 ONSEMI-M1MA152AT1 Datasheet
52Kb / 8P
   SINGLE SILICON SWITCHING DIODES
May, 2002 ??Rev. 6
logo
Leshan Radio Company
M1MA152AT1 LRC-M1MA152AT1 Datasheet
58Kb / 2P
   Single Silicon Switching Diodes
logo
E-Tech Electronics LTD
M1MA152AT1 ETL-M1MA152AT1 Datasheet
117Kb / 2P
   Single Silicon Switching Diodes
logo
Microsemi Corporation
M1MA152AT1 MICROSEMI-M1MA152AT1 Datasheet
51Kb / 3P
   Single Silicon Switching Diodes
M1MA152AT1G MICROSEMI-M1MA152AT1G Datasheet
51Kb / 3P
   Single Silicon Switching Diodes
More results

Similar Description - M1MA152AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA151KT1 MOTOROLA-M1MA151KT1 Datasheet
83Kb / 6P
   SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
M1MA141KT1 MOTOROLA-M1MA141KT1 Datasheet
95Kb / 6P
   SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
ON Semiconductor
M1MA141KT1 ONSEMI-M1MA141KT1 Datasheet
46Kb / 4P
   SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
July, 2004 ??Rev. 5
logo
Motorola, Inc
M1MA141WKT1 MOTOROLA-M1MA141WKT1 Datasheet
99Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
M1MA141WAT1 MOTOROLA-M1MA141WAT1 Datasheet
97Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON ANODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
SCS202ND SECOS-SCS202ND Datasheet
700Kb / 2P
   VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
logo
SHIKUES Electronics
SK2301A SKTECHNOLGY-SK2301A Datasheet
750Kb / 3P
   SC-59 for Surface Mount Package
SK2300A SKTECHNOLGY-SK2300A Datasheet
934Kb / 4P
   SC-59 for Surface Mount Package
logo
Micro Commercial Compon...
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
   100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
   100 mA Switching Diode 80 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com