Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1115C Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # ST1115C
Description  PWM Speed Control Double Coil Brushless DC Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115C Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1115C Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115C/ST1115D
SP-ST1115CD-A.005
Version
:A.005
Page
:3
Electrical Characteristic
( TA = 25℃ & VDD = 12 V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
3
12
14
V
Quiescent Current
IDD
No load,
All Inputs = 0V or VDD
-
3
-
mA
HIN Input Terminal
Input Voltage “H”
VIH
-
10
-
12.4
V
Input Voltage “L”
VIL
-
-0.4
-
1.5
V
Input Current “H”
IIH
VIN = VDD
-
-
±
1
μ
A
Input Current “L”
IIL
VIN = 0 V
-
±
0.3
±
0.5
mA
O1 / O2 Output Terminal ( TJ = 25℃)
Output Voltage High
VOH
-
-
-
-
mV
Output Voltage Low
VOL
IOUT = 250mA
-
250
mV
FG Open-Drain Terminal ( TJ = 25℃)
Output Leakage
Current
ILeak
VFG =12V
-
-
10
μ
A
Output Current
IFG
VFG = 0.2V
10
-
-
mA
Output Voltage High
VFGOH
-
-
-
15
V
VT PWM Speed Control Terminal ( TJ = 25℃)
VT Threshold Voltage VTHL
100% PWM Duty Cycle
-
3.88
-
V
VT Threshold Voltage VTHH
50% PWM Duty Cycle
-
3.18
-
V
Lock Protection and Restart
Lock Protection Time
TOFF
The capacitor connected to
the CF pin is of value CF
F
μ .
-
2.5*CF
-
sec
Ratio of Protection
Time to Restart Time
RLOCK
TOFF / TON
3


Similar Part No. - ST1115C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
More results

Similar Description - ST1115C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com