Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS113A Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PS113A
Description  3-Channel Secondary Monitoring IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113A Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PS113A Datasheet HTML 1Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.003
-3-
PS113A
Timing Chart
Td1
Tb1
Td3
Td2
FPO/
PSON/
PGI
Vcc
VS12
VS5
VS33
PGO
UVP/OVP
protect
PSON/
turn on
AC
turn on
PSON/
turn off
PSON/
turn on
AC
turn off
VPGI
Td2
Td1
1.25V
0.63V
1.13V
OVP
OVP/UVP
OVP


Similar Part No. - PS113A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
   3-Channel Secondary Monitoring IC
logo
List of Unclassifed Man...
PS11371 ETC2-PS11371 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
PS11372 ETC2-PS11372 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
PS11373 ETC2-PS11373 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
PS11374 ETC2-PS11374 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
More results

Similar Description - PS113A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
   3-Channel Secondary Monitoring IC
PS232S SITI-PS232S Datasheet
186Kb / 11P
   6-Channel Secondary Monitoring IC
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
PS232F SITI-PS232F Datasheet
187Kb / 11P
   6-Channel Secondary Monitoring IC
PS238 SITI-PS238 Datasheet
206Kb / 11P
   8-Channel Secondary Monitoring IC
PS236 SITI-PS236 Datasheet
140Kb / 13P
   3-Channel Secondary Monitoring IC With an Additional OCP Channel
logo
List of Unclassifed Man...
PS222S ETC2-PS222S Datasheet
143Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Silicon Touch Technolog...
PS222S SITI-PS222S Datasheet
165Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
PS223 SITI-PS223 Datasheet
139Kb / 11P
   4-Channel Secondary Monitoring IC With 4-Channel OCP And an Additional OTP
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com