Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200WKS12-A000 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DIM200WKS12-A000
Description  IGBT Chopper Module - Upper Arm Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200WKS12-A000 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DIM200WKS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEMICONDUCTOR
DIM200WKS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
2/8
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device.
In extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the
package. Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings
may affect device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
1200
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 80°C
200
A
IC(PK)
Peak collector current
1ms, Tcase =115°C
400
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
1390
W
I
2t
Diode I
2t value (IGBT arm)
VR = 0, tP = 10ms, Tvj = 125°C
6.25
kA
2S
Visol
Isolation voltage – per module
Commoned terminals to base plate. AC RMS, 1 min,50Hz
2500
V
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
Al2O3
Baseplate material:
Copper
Creepage distance:
24mm
Clearance:
13mm
CTI (Critical Tracking Index):
175
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Thermal resistance – transistor
(per arm)
Continuous dissipation –
junction to case
-
-
90
°C/kW
Rth(j-c)
Thermal resistance – diode (per arm)
Continuous dissipation –
junction to case
-
-
194
°C/kW
Rth(c-h)
Thermal resistance – case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
-
-
15
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
-
Screw torque
Mounting – M6
3
-
5
Nm
Electrical connections – M6
2.5
-
5
Nm


Similar Part No. - DIM200WKS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
More results

Similar Description - DIM200WKS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM200WKS17-A000 DYNEX-DIM200WKS17-A000 Datasheet
153Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
   IGBT Chopper Module (Upper Arm Control)
DIM200WLS12-A000 DYNEX-DIM200WLS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Lower Arm Control
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com