Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200WKS12-A000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DIM200WKS12-A000
Description  IGBT Chopper Module - Upper Arm Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200WKS12-A000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DIM200WKS12-A000_09 Datasheet HTML 1Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 2Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 3Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 4Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 5Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 6Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 7Page - Dynex Semiconductor DIM200WKS12-A000_09 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SEMICONDUCTOR
DIM200WKS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
5/8
www.dynexsemi.com
0
50
100
150
200
250
300
350
400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Collector-emitter voltage, Vce - (V)
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
Common emitter
Tcase = 25° C
Vce is measured at power busbars
and not the auxiliary terminals
0
50
100
150
200
250
300
350
400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Collector-emitter voltage, Vce - (V)
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
Common emitter
Tcase = 125° C
Vce is measured at power busbars
and not the auxiliary terminals
Fig.3 Typical output characteristics
Fig.4 Typical output characteristics
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
Collector current, IC - (A)
Eon
Eoff
Erec
Tc = 125° C,
Vcc = 600V,
Rg = 4.7 Ohms
0
5
10
15
20
25
30
35
40
45
50
55
4
10
12
Gate resistance, Rg - (Ohms)
8
6
Eon
Eoff
Erec
Tc = 125° C,
Vcc = 600V,
IC = 200A
Fig.5 Typical switching energy vs collector current
Fig.6 Typical switching energy vs gate resistance


Similar Part No. - DIM200WKS12-A000_09

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
More results

Similar Description - DIM200WKS12-A000_09

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM200WKS17-A000 DYNEX-DIM200WKS17-A000 Datasheet
153Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
   IGBT Chopper Module (Upper Arm Control)
DIM200WLS12-A000 DYNEX-DIM200WLS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Lower Arm Control
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com