Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR4100W40 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR4100W40
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR4100W40 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button DCR4100W40 Datasheet HTML 2Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 3Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 4Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 5Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 6Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 7Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 8Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 9Page - Dynex Semiconductor DCR4100W40 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SEMICONDUCTOR
DCR4100W42
6/10
www.dynexsemi.com
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1000 2000 3000 4000 5000 6000 7000 8000
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1000 2000 3000 4000 5000 6000 7000 8000
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
Fig.7 Maximum permissible case temperature,
double side cooled – rectangular wave
Fig.8 Maximum permissible heatsink temperature,
double side cooled – rectangular wave
0
2
4
6
8
10
12
14
16
0.001
0.01
0.1
1
10
100
Time ( s )
Double Side Cooling
Anode Side Cooling
Cathode Sided Cooling
1
2
3
4
Double side cooled
Ri (°C/kW)
0.8816
1.2993
2.8048
1.3305
Ti (s)
0.0106818
0.058404
0.3584979
1.1285
Anode side cooled
Ri (°C/kW)
1.5197
3.2398
5.7622
0.6312
Ti (s)
0.0170581
0.2424644
6.013
15.364
Cathode side cooled
Ri (°C/kW)
1.4106
2.4667
6.7451
3.9054
Ti (s)
0.0158344
0.1786951
3.6201
6.196
Zth =
Á [Ri x ( 1-exp. (t/ti))]
[1]
ÁRth(j-c) Conduction
Tables show the increments of thermal resistance Rth(j-c) when the device
operates at conduction angles other than d.c.
Double side cooling
Anode Side Cooling
Cathode Sided Cooling
ÁZth (z)
ÁZth (z)
ÁZth (z)
°
sine.
rect.
°
sine.
rect.
°
sine.
rect.
180
1.00
0.67
180
0.94
0.64
180
0.95
0.65
120
1.16
0.97
120
1.08
0.91
120
1.09
0.92
90
1.33
1.13
90
1.23
1.06
90
1.25
1.07
60
1.48
1.31
60
1.37
1.22
60
1.38
1.23
30
1.61
1.51
30
1.47
1.38
30
1.49
1.40
15
1.66
1.61
15
1.52
1.47
15
1.54
1.49
Fig.9 Maximum (limit) transient thermal impedance – junction to case (°C/kW)


Similar Part No. - DCR4100W40

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR4100W40 DYNEX-DCR4100W40 Datasheet
525Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR4100W40

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com